Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD13003D Datasheet(PDF) 2 Page - Continental Device India Limited

Part # CD13003D
Description  NPN SILICON POWER TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CD13003D Datasheet(HTML) 2 Page - Continental Device India Limited

  CD13003D Datasheet HTML 1Page - Continental Device India Limited CD13003D Datasheet HTML 2Page - Continental Device India Limited CD13003D Datasheet HTML 3Page - Continental Device India Limited CD13003D Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NPN SILICON POWER TRANSISTOR
CD13003D
TO126
Plastic Package
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
DC Current Gain
*hFE
**IC=0.5A, VCE=5V
11
30
IC=1A, VCE=5V
5
25
Collector Emitter Saturation Voltage
*VCE (sat)
IC=0.5A, IB=0.1A
0.5
V
IC=1A, IB=0.25A
1.0
V
IC=1.5A, IB=0.5A
2.5
V
IC=1A, IB=0.25A,Tc=100ºC
1.0
V
Base Emitter Saturation Voltage
*VBE (sat)
IC=0.5A, IB=0.1A
1.0
V
IC=1A, IB=0.25A
1.2
V
IC=1A, IB=0.25A,Tc=100ºC
1.1
V
Integrated Diode Forward Voltage
VFEC
IF=1A
2.0
V
DYNAMIC CHARACTERISTICS
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Current Gain Bandwidth Product
fT
IC=100mA, VCE=10V,
f=1MHz
4.0
MHz
Output Capacitance
Cob
VCB=10V, f=0.1MHz
21
pF
SWITCHING TIME
Turn On Time
ton
1.1
µs
Storage Time
tstg
4.0
µs
Fall Time
tr
0.7
µs
** hFE Classification:-
Note:- Product is pre selected in DC current
A
B
C
E
F
gain (Groups A to F). CDIL reserves the right
11-16
15-19
18-22
21-25
24-30
to ship any of the groups according to
production availability.
MARKING
CD
CD
CD
CD
CD
13003DA
13003DB
13003DC
13003DE 13003DF
X = Year of Manufacturer Code
Y = Month Code
*Pulse Test:- PW=300
µµs, Duty Cycle=2%
CD13003D Rev_1 120310E
VCC=125V, IC=1A, IB1=0.2A,
IB2=0.2A
XY
XY
XY
XY
XY
Continental Device India Limited
Data Sheet
Page 2 of 4
2.0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com