Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD2383 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CD2383
Description  NPN COMPLEMENTARY SILICON TRANSISTSOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CD2383 Datasheet(HTML) 1 Page - Continental Device India Limited

  CD2383 Datasheet HTML 1Page - Continental Device India Limited CD2383 Datasheet HTML 2Page - Continental Device India Limited CD2383 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN COMPLEMENTARY SILICON TRANSISTSOR
CD2383
TO-92
Plastic Package
Vertical Deflection Output and Class B Sound Output Applications of Color T.V
ABSOLUTE MAXIMUM RATINGS ( Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector Emitter Voltage
VCEO
160
V
Collector Base Voltage
VCBO
160
V
Emitter Base Voltage
VEBO
6
V
Collector Current Continuous
IC
1
A
Base Current Continuous
IB
500
mA
Power Dissipation
PD
700
mW
Operating And Storage Junction
Temperature Range
ELECTRICAL CHARACTERISTICS ( Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL TEST CONDITION
MIN
TYP
MAX
Collector Emitter Breakdown Voltage
BVCEO
IC=10mA,IB=0
160
V
Collector Cut off Current
ICBO
VCB=150V, IE = 0
1
µA
Emitter Cut off Current
IEBO
VBE=6V, IC = 0
1
µA
DC Current Gain
hFE*
VCE=5V,IC=200mA
60
320
Collector Emitter Saturation Voltage
VCE(sat)*
IC =500mA, IB=50mA
1.5
V
Base Emitter on Voltage
VBE(on) *
VCE=5V, IC=5mA
0.45
0.75
V
DYNAMIC CHARACTERISTICS
Gain Bandwith Product
fT
IC=200mA, VCE=5V
20
100
MHz
Output Capacitance
Cob
IC=0, VCB=10V
20
pF
f=1MHz
*Pulse Condition: Width < 300
µµs, Duty Cycle < 2%.
CLASSIFICATION
R
O
Y
hFE
60-120
100-200
160-320
VALUE
UNIT
Tj, Tstg
-55 to +150
ºC
E C
B
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CD2383

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
CD2315 ASI-CD2315 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. B
logo
Bourns Electronic Solut...
CD2320-B11000 BOURNS-CD2320-B11000 Datasheet
519Kb / 4P
CD2320-B1200~B11000 Surface Mount Bridge Rectifier Diode
CD2320-B1200 BOURNS-CD2320-B1200 Datasheet
519Kb / 4P
CD2320-B1200~B11000 Surface Mount Bridge Rectifier Diode
CD2320-B1400 BOURNS-CD2320-B1400 Datasheet
519Kb / 4P
CD2320-B1200~B11000 Surface Mount Bridge Rectifier Diode
CD2320-B1600 BOURNS-CD2320-B1600 Datasheet
519Kb / 4P
CD2320-B1200~B11000 Surface Mount Bridge Rectifier Diode
More results

Similar Description - CD2383

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CC5551 CDIL-CC5551 Datasheet
50Kb / 4P
NPN COMPLEMENTARY SILICON HIGH VOLTAGE TRANSISTOR
CSA1013 CDIL-CSA1013 Datasheet
41Kb / 2P
PNP/NPN COMPLEMENTARY PLANAR SILICON TRANSISTORS
logo
Thinki Semiconductor Co...
2SD1351 THINKISEMI-2SD1351 Datasheet
558Kb / 1P
NPN Complementary Silicon Power Transistors
logo
Continental Device Indi...
CSA931 CDIL-CSA931 Datasheet
177Kb / 2P
PNP/NPN COMPLEMENTARY PLANAR SILICON TRANSISTORS
CSA928A CDIL-CSA928A Datasheet
159Kb / 2P
PNP/NPN COMPLEMENTARY SILICON EPITAXIAL TRANSISTOR
CD2328A CDIL-CD2328A Datasheet
259Kb / 3P
NPN COMPLEMENTARY SILICON EPITAXIAL TRANSISTOR
CIL2383 CDIL-CIL2383 Datasheet
108Kb / 3P
NPN COMPLEMENTARY SILICON TRANSISTOR
CIL1020 CDIL-CIL1020 Datasheet
229Kb / 2P
PNP/NPN COMPLEMENTARY PLANAR SILICON TRANSISTORS
logo
Central Semiconductor C...
MPQ7053 CENTRAL-MPQ7053_15 Datasheet
414Kb / 2P
SILICON NPN/PNP COMPLEMENTARY QUAD TRANSISTOR
logo
Guangdong Kexin Industr...
BC847PN KEXIN-BC847PN Datasheet
68Kb / 1P
NPN/PNP Complementary Silicon Transistor Array
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com