Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD1207 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CD1207
Description  NPN EPITAXIAL PLANAR SILICON TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CD1207 Datasheet(HTML) 1 Page - Continental Device India Limited

  CD1207 Datasheet HTML 1Page - Continental Device India Limited CD1207 Datasheet HTML 2Page - Continental Device India Limited CD1207 Datasheet HTML 3Page - Continental Device India Limited CD1207 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
CD1207
TO-92L
Plastic Package
High Cureent Switching Applications
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC )
DESCRIPTION
SYMBOL
UNITS
Collector Base Voltage
VCBO
V
Collector Emitter Voltage
VCEO
V
Emitter Base Voltage
VEBO
V
Collector Current
IC
A
Peak Collector Current
ICP
A
Collector Power Dissipation
PC
W
Junction Temperature
Tj
ºC
Storage Temperature
Tstg
ºC
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL TEST CONDITION
MIN
TYP
MAX
UNITS
Collector Base Voltage
VCBO
IC=10µA, IE=0
60
V
Collector Emitter Voltage
VCEO
IC=1mA, IB=0
50
V
Emitter Base Voltage
VEBO
IE=10µA, IC=0
6
V
Collector Cut Off Current
ICBO
VCB =50V, IE=0
100
nA
Emitter Cut Off Current
IEBO
VEB=4V, IC = 0
100
nA
DC Current Gain
*hFE
IC =100mA, VCE=2V
100
560
hFE
IC =1.5A, VCE=2V
40
Collector Emitter Saturation Voltage
VCE (sat)
IC=1A, IB=50mA
0.4
V
Base Emitter Saturation Voltage
VBE (sat)
IC=1A, IB=50mA
1.2
V
DYNAMIC CHARACTERISTICS
Transition Frequency
fT
VCE=10V, IC=50mA
150
MHz
Output Capacitance
Cob
VCB=10V,IE=0, f=1MHz
12
pF
CLASSIFICATION
R
S
*hFE
100 - 200
140 - 280
CD1207Rev140205E
VALUE
60
50
6
2
1
150
4
- 55 to +150
280 - 560
U
200 - 400
T
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CD1207

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
CD120 SENSATA-CD120 Datasheet
457Kb / 7P
INCREMENTAL DRAW WIRE
logo
Bourns Electronic Solut...
CD1206-B2100 BOURNS-CD1206-B2100 Datasheet
382Kb / 4P
CD1206-B220~B2100 - Surface Mount Schottky Rectifier Diode
CD1206-B220 BOURNS-CD1206-B220 Datasheet
382Kb / 4P
CD1206-B220~B2100 - Surface Mount Schottky Rectifier Diode
CD1206-B240 BOURNS-CD1206-B240 Datasheet
382Kb / 4P
CD1206-B220~B2100 - Surface Mount Schottky Rectifier Diode
CD1206-B260 BOURNS-CD1206-B260 Datasheet
382Kb / 4P
CD1206-B220~B2100 - Surface Mount Schottky Rectifier Diode
More results

Similar Description - CD1207

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR519J AUK-SUR519J Datasheet
226Kb / 3P
Epitaxial planar NPN silicon transistor
SUR523H AUK-SUR523H Datasheet
227Kb / 3P
Epitaxial planar NPN silicon transistor
SUR538J AUK-SUR538J Datasheet
236Kb / 3P
Epitaxial planar NPN silicon transistor
SUT562EF AUK-SUT562EF Datasheet
236Kb / 4P
Epitaxial planar NPN silicon transistor
logo
Continental Device Indi...
CSC3930 CDIL-CSC3930 Datasheet
107Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SD1060 UTC-2SD1060 Datasheet
134Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
GTM CORPORATION
GJSD1802 GTM-GJSD1802 Datasheet
491Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SC4226W BILIN-2SC4226W Datasheet
178Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
KTC3879 BILIN-KTC3879 Datasheet
222Kb / 4P
NPN Silicon Epitaxial Planar Transistor
KTC4075 BILIN-KTC4075 Datasheet
233Kb / 4P
NPN Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com