Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3047 Datasheet(PDF) 21 Page - Alpha Wire

Part # 3047
Description  Hook-Up Wire
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

3047 Datasheet(HTML) 21 Page - Alpha Wire

Back Button 3047 Datasheet HTML 17Page - Alpha Wire 3047 Datasheet HTML 18Page - Alpha Wire 3047 Datasheet HTML 19Page - Alpha Wire 3047 Datasheet HTML 20Page - Alpha Wire 3047 Datasheet HTML 21Page - Alpha Wire 3047 Datasheet HTML 22Page - Alpha Wire 3047 Datasheet HTML 23Page - Alpha Wire 3047 Datasheet HTML 24Page - Alpha Wire 3047 Datasheet HTML 25Page - Alpha Wire Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
Alpha Wire | www.alphawire.com | 1-800-52 ALPHA
Specifications subject to change. For complete specifications and availability, visit www.alphawire.com.
397
Wire > Hook-Up Wire > 50 V
Hook-Up Wire
50 V, XLPE
SAE J1128 Type GXL
Operating Temperature
• -40°C to +125°C
Materials
• Stranded bare copper
conductor
• Cross-linked polyethylene
insulation
Availability
500 ft (152 m)
1000 ft (305 m)
Bulk, cut to length
Part No.
Wire Size
Stranding
Insulation
Thickness
Nominal
Diameter
AWG
mm2
AWG
mm
Inch
mm
Inch
mm
631816
18
0.81
16/30
16 x 0.25
0.023
0.58
0.093
2.36
631619
16
1.23
19/29
19 x 0.29
0.023
0.58
0.102
2.59
631419
14
1.94
19/27
19 x 0.36
0.023
0.58
0.113
2.87
Insulation Colors
White
Yellow
Slate
Black
Blue
Violet
Red
Brown
Green
Orange



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com