Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

892007 Datasheet(PDF) 13 Page - Alpha Wire

Part # 892007
Description  Hook-Up Wire
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

892007 Datasheet(HTML) 13 Page - Alpha Wire

Back Button 892007 Datasheet HTML 9Page - Alpha Wire 892007 Datasheet HTML 10Page - Alpha Wire 892007 Datasheet HTML 11Page - Alpha Wire 892007 Datasheet HTML 12Page - Alpha Wire 892007 Datasheet HTML 13Page - Alpha Wire 892007 Datasheet HTML 14Page - Alpha Wire 892007 Datasheet HTML 15Page - Alpha Wire 892007 Datasheet HTML 16Page - Alpha Wire 892007 Datasheet HTML 17Page - Alpha Wire Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
Alpha Wire | www.alphawire.com | 1-800-52 ALPHA
Specifications subject to change. For complete specifications and availability, visit www.alphawire.com.
389
Wire > Hook-Up Wire > 1000 V
Hook-Up Wire
1000 V, PVC
MIL-W-76 Type MWP
Operating Temperature
• -55°C to +90°C
Materials
• Stranded or solid tinned
copper conductor
• PVC insulation
Availability
100 ft (30.5 m)
1000 ft (305 m)
Bulk, cut to length
Part No.
Wire Size
Stranding
Insulation
Thickness
Nominal
Diameter
AWG
mm2
AWG
mm
Inch
mm
Inch
mm
302407
24
0.23
7/32
7 x 0.20
0.016
0.41
0.056
1.42
302207
22
0.35
7/30
7 x 0.25
0.016
0.41
0.064
1.63
302201
22
0.32
Solid
1 x 0.64
0.016
0.41
0.057
1.45
302010
20
0.51
10/30
10 x 0.25
0.016
0.41
0.069
1.75
301816
18
0.81
16/30
16 x 0.25
0.016
0.41
0.079
2.01
301626
16
1.32
26/30
26 x 0.25
0.016
0.41
0.092
2.34
301619
16
1.23
19/29
19 x 0.29
0.016
0.41
0.088
2.24
301441
14
2.08
41/30
41 x 0.25
0.016
0.41
0.106
2.69
Insulation Colors
White
Yellow
Slate
Black
Blue
Violet
Red
Brown
Green
Orange



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com