Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AB6H-A2 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # AB6H-A2
Description  A6 Series Miniature Switches and Pilot Devices 16mm
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AB6H-A2 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button AB6H-A2 Datasheet HTML 3Page - List of Unclassifed Manufacturers AB6H-A2 Datasheet HTML 4Page - List of Unclassifed Manufacturers AB6H-A2 Datasheet HTML 5Page - List of Unclassifed Manufacturers AB6H-A2 Datasheet HTML 6Page - List of Unclassifed Manufacturers AB6H-A2 Datasheet HTML 7Page - List of Unclassifed Manufacturers AB6H-A2 Datasheet HTML 8Page - List of Unclassifed Manufacturers AB6H-A2 Datasheet HTML 9Page - List of Unclassifed Manufacturers AB6H-A2 Datasheet HTML 10Page - List of Unclassifed Manufacturers AB6H-A2 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
16mm A6
463
USA: 800-262-IDEC
Canada: 888-317-IDEC
Switches & Pilot Devices
AL6 Pilot Lights (Sub-Assembled)
Operator
+
LED Lamp
+
Lens
=
Completed Unit
Operators
Style
Part Number
Round
Square
Rectangular
AL6 Pilot Lights
AL6M-P00
AL6Q-P00
AL6H-P00
Lenses
Degree of Protection
Part Number
Dustproof IP40
Oiltight IP65
Round
AL6M-LK1-k
AL6M-LK3-k
Square
AL6Q-LK1-k
AL6Q-LK3-k
Rectangular
AL6H-LK1-k
AL6H-LK3-k
1. In place of k, specify Lens Color Code from table below.
2. Lenses which are rated IP65 include a waterproof rubber gasket.
3. For accessories, see page 466.
kLens/LED Color Code
Color
Code
Amber
A
Green
G
Red
R
Blue
S
Warm White
W
Cool White
JW
Yellow
Y
LED Lamps
Appearance
Rated Voltage
Part Number
5V DC
LATD-5 k
6V AC/DC
LATD-6 k
12V AC/DC
LATD-1 k
24V AC/DC
LATD-2 k
1. In place of k, specify LED Color Code from table at left.
LED Lamps
Appearance
Rated Voltage
Part Number
5V DC
LATD-5 k
6V AC/DC
LATD-6 k
12V AC/DC
LATD-1 k
24V AC/DC
LATD-2 k
1. In place of k, specify LED Color Code from table at left.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com