Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5035 Datasheet(PDF) 11 Page - ams AG

Part # AS5035
Description  PROGRAMMABLE 64 PPR INCREMENTAL MAGNETIC ROTARY ENCODER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5035 Datasheet(HTML) 11 Page - ams AG

Back Button AS5035 Datasheet HTML 7Page - ams AG AS5035 Datasheet HTML 8Page - ams AG AS5035 Datasheet HTML 9Page - ams AG AS5035 Datasheet HTML 10Page - ams AG AS5035 Datasheet HTML 11Page - ams AG AS5035 Datasheet HTML 12Page - ams AG AS5035 Datasheet HTML 13Page - ams AG AS5035 Datasheet HTML 14Page - ams AG AS5035 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
AS5035 – 64 PPR INCREMENTAL MAGNETIC ROTARY ENCODER
Revision 1.5
www.austriamicrosystems.com
Page 10 of 17
10.4 Output Delays
Due to the sampling rate of 10kHz, there will be a delay
of up to 100µs between the time that the sample is taken
until it is converted and available as angular data.
A rotating magnet will therefore cause an angular error
caused by the output delay.
This error increases linearly with speed:
4
6
−
∗
=
E
rpm
e
sampling
At low speeds this error is small (e.g. <= 0.06° at 100
rpm).
At speeds over 586 rpm, the error approaches 1LSB
(0.35°). The maximum error caused by the sampling rate
of the ADCs is 0/+100µs. It has a peak of 1LSB = 0.35°
at 586 rpm.
At higher speeds this error is reduced again due to
interpolation and the output delay remains at 200µs
as the DSP requires two sampling periods (2x100µs) to
synthesize and redistribute any missing pulses.
10.5 Temperature
10.5.1
Magnetic Temperature Coefficient
One of the major benefits of the AS5035 compared to
linear Hall sensors is that it is much less sensitive to
temperature. While linear Hall sensors require a
compensation of the magnet’s temperature coefficients,
the AS5035 automatically compensates for the varying
magnetic field strength over temperature. The magnet’s
temperature drift does not need to be considered, as the
AS5035 operates with magnetic field strengths from
±45…±75mT.
Example:
A NdFeB magnet has a field strength of
75mT @ –40°C and a temperature coefficient of
-0.12% per Kelvin. The temperature change is from
–40° to +125° = 165K.
The magnetic field change is: 165 x -0.12% = -19.8%,
which corresponds to
75mT at –40°C and 60mT at 125°C .
The AS5035 can compensate for this temperature related
field strength change automatically, no user adjustment
is required.
10.5.2
Accuracy over Temperature
The influence of temperature in the absolute accuracy is
very low. While the accuracy is
≤ ±0.5° at room
temperature, it may increase to
≤±0.9° due to increasing
noise at high temperatures.
10.5.3
Timing Tolerance over Temperature
The internal RC oscillator is factory trimmed to
±5%.
Over temperature, this tolerance may increase to
±10%.
Generally, the timing tolerance has no influence in the
accuracy or resolution of the system, as it is used mainly
for internal clock generation.
11 Failure Diagnostics
The AS5035 also offers several diagnostic and failure
detection features:
11.1 Magnetic Field Strength Diagnosis
Pins #1 (MagINCn) and #2 (MagDECn) are open-drain
outputs and will both be turned on (= low with external
pull-up resistor) when the magnetic field is out of range.
If only one of the outputs is low, the magnet is either
moving towards the chip (MagINCn) or away from the
chip (MagDECn).
11.2 Power Supply Failure Detection
11.2.1
MagINCn and MagDECn Pins:
These are open drain outputs and require external pull-
up resistors. In normal operation, these pins are high
ohmic and the outputs are high (see Table 2). In a failure
case, either when the magnetic field is out of range or
the power supply is missing, these outputs will become
low. To ensure adequate low levels in case of a broken
power supply to the AS5035, the pull-up resistors
(>10k
Ω) must be connected to the positive supply at pin
16 (VDD5V).
11.2.2
Incremental Outputs:
In normal operation, pins A(#3), B(#4) and Index (#6) will
never be high at the same time, as Index is only high
when A=B=low. However, after a power-on-reset, if VDD
is powered up or restarts after a power supply
interruption, all three outputs will remain in high state
until pin CSn is pulled low (see 5.4.2 ). If CSn is already
tied to VSS during power-up, the incremental outputs will
all be high until the internal offset compensation is
finished (within tPwrUp).
Another way to detect a power supply loss is by
connecting pull-up resistors to the A,B and Index pins at
the receiving side (µC, control unit, etc..). If the negative
power line to the sensor is interrupted, all three outputs
will be pulled high by the external pull-up resistors. This
unique state again indicates a failure as it does not occur
in normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com