Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AB6M-V1P-R Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # AB6M-V1P-R
Description  A6 Series Miniature Switches and Pilot Devices 16mm
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AB6M-V1P-R Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button AB6M-V1P-R Datasheet HTML 6Page - List of Unclassifed Manufacturers AB6M-V1P-R Datasheet HTML 7Page - List of Unclassifed Manufacturers AB6M-V1P-R Datasheet HTML 8Page - List of Unclassifed Manufacturers AB6M-V1P-R Datasheet HTML 9Page - List of Unclassifed Manufacturers AB6M-V1P-R Datasheet HTML 10Page - List of Unclassifed Manufacturers AB6M-V1P-R Datasheet HTML 11Page - List of Unclassifed Manufacturers AB6M-V1P-R Datasheet HTML 12Page - List of Unclassifed Manufacturers AB6M-V1P-R Datasheet HTML 13Page - List of Unclassifed Manufacturers AB6M-V1P-R Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
16mm A6
468
www.idec.com
Switches & Pilot Devices
Dimensions (mm)
Pushbuttons, Ø 5/8” (16mm)
Anti-rotation Ring
Rubber Gasket
Locking Ring
ø18
(TOP)
Rectangular
Round
(TOP)
Square
(TOP)
Terminal Width 2.8
×0.5t
5.7
9
18
24
1
0.6
822
9
Panel Thickness 0.5 to 6
2.5
3
Oversize Lens
Anti-rotation Ring
Locking Ring
Rubber Gasket
Teminal Width 2.8
×0.5t
Round
(TOP)
Rectangular
(TOP)
Square
(TOP)
2.5
3
6
6
1
0.6
9
8
22
15.5
Panel Thickness 0.5 to 6
23.5
0.6
9
15.5
0.6
12.5
Selector Switches, Ø 5/8” (16mm)
Terminal Width 2.8
×0.5t
Anti-rotation Ring
Rubber Gasket
Locking Ring
Rectangular
(TOP)
Round
(TOP)
Square
(TOP)
2.5
3
Panel Thickness 0.5 to 6
1
8
22
15.5
24
c18
8
ø18
Key Selector Switches, Ø 5/8” (16mm)
Left Contact
Right Contact
Anti-rotation Ring
Rubber Gasket
Locking Ring
Terminal Width 2.8
×0.5t
C
NC
NO
2.5
3
Panel Thickness 0.5 to 6
1
822
26
(TOP)
Round
Square
(TOP)
Rectangular
(TOP)
24
18
ø18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com