Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL6Q-M2lP Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AL6Q-M2lP
Description  A6 Series Miniature Switches and Pilot Devices 16mm
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AL6Q-M2lP Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AL6Q-M2lP Datasheet HTML 1Page - List of Unclassifed Manufacturers AL6Q-M2lP Datasheet HTML 2Page - List of Unclassifed Manufacturers AL6Q-M2lP Datasheet HTML 3Page - List of Unclassifed Manufacturers AL6Q-M2lP Datasheet HTML 4Page - List of Unclassifed Manufacturers AL6Q-M2lP Datasheet HTML 5Page - List of Unclassifed Manufacturers AL6Q-M2lP Datasheet HTML 6Page - List of Unclassifed Manufacturers AL6Q-M2lP Datasheet HTML 7Page - List of Unclassifed Manufacturers AL6Q-M2lP Datasheet HTML 8Page - List of Unclassifed Manufacturers AL6Q-M2lP Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
16mm A6
458
www.idec.com
Switches & Pilot Devices
AB6 Non-Illuminated Pushbuttons (Assembled)
Non-Illuminated Pushbuttons
Style
Contact
Part Number
Momentary
Maintained (Latching)
Dustproof (IP40)
Oiltight (IP65)
Dustproof (IP40)
Oiltight (IP65)
Round 18mm
SPDT
DPDT
AB6M-M1-j
AB6M-M2-j
AB6M-M1P-j
AB6M-M2P-j
AB6M-A1-j
AB6M-A2-j
AB6M-A1P-j
AB6M-A2P-j
Square 18mm
SPDT
DPDT
AB6Q-M1-j
AB6Q-M2-j
AB6Q-M1P-j
AB6Q-M2P-j
AB6Q-A1-j
AB6Q-A2-j
AB6Q-A1P-j
AB6Q-A2P-j
Rectangular 18mm x 24mm
SPDT
DPDT
AB6H-M1-j
AB6H-M2-j
AB6H-M1P-j
AB6H-M2P-j
AB6H-A1-j
AB6H-A2-j
AB6H-A1P-j
AB6H-A2P-j
Round 23.5mm
SPDT
DPDT
–
AB6M-M1P-Mj
AB6M-M2P-Mj
–
AB6M-A1P-Mj
AB6M-A2P-Mj
Square 23.5mm
SPDT
DPDT
–
AB6Q-M1P-Qj
AB6Q-M2P-Qj
–
AB6Q-A1P-Qj
AB6Q-A2P-Qj
Rectangular 17.5 X 23.5mm
SPDT
DPDT
–
AB6Q-M1P-Hj
AB6Q-M2P-Hj
–
AB6Q-A1P-Hj
AB6Q-A2P-Hj
AB6-V Pushlock Turn Reset
Shape
Operation
Contact
Part Number
Remarks
Dustproof (IP40)
Oiltight (IP65)
23.5mm Round Mushroom
Pushlock Turn Reset
SPDT
DPDT
AB6M-V1-R
AB6M-V2-R
AB6M-V1P-R
AB6M-V2P-R
1. Button available in red only.
2. Replacement button: order AB6M-V-R
Buzzer
Style
Shape
Voltage
Part Number
Round (18mm)
12V DC
UZ6-11
24V DC
UZ6-12
Buzzer Ratings
Frequency
2 khz ± 500 HZ
Amplitude
80db @ 0.1m (at rated voltage)
Operating Voltage
6V AC/DC or 12 - 24V AC/DC ± 10%
Adjustable Cycle
55 to 600 cycles per minute
Current Draw
DC: 7mA, AC: 20mA
Life
1000 hrs. minimum
Insulation Voltage
60V AC/DC
Operating Temperature
-20 to 55 C (no freezing), 45 to 85% rh
jButton Color Code
Color
Code
Black
B
Green
G
Red
R
Blue
S
White
W
Yellow
Y
jButton Color Code
Color
Code
Black
B
Green
G
Red
R
Blue
S
White
W
Yellow
Y
1. In place of j, specify Button Color Code
from the table at right.
2. To order as sub-assembled, see page 459.
3. For accessories, see page 466.
4. For dimensions, see page 468.
1. In place of j, specify Button Color Code
from the table at right.
2. To order as sub-assembled, see page 459.
3. For accessories, see page 466.
4. For dimensions, see page 468.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com