Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL6H-M2lP Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AL6H-M2lP
Description  A6 Series Miniature Switches and Pilot Devices 16mm
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AL6H-M2lP Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AL6H-M2lP Datasheet HTML 1Page - List of Unclassifed Manufacturers AL6H-M2lP Datasheet HTML 2Page - List of Unclassifed Manufacturers AL6H-M2lP Datasheet HTML 3Page - List of Unclassifed Manufacturers AL6H-M2lP Datasheet HTML 4Page - List of Unclassifed Manufacturers AL6H-M2lP Datasheet HTML 5Page - List of Unclassifed Manufacturers AL6H-M2lP Datasheet HTML 6Page - List of Unclassifed Manufacturers AL6H-M2lP Datasheet HTML 7Page - List of Unclassifed Manufacturers AL6H-M2lP Datasheet HTML 8Page - List of Unclassifed Manufacturers AL6H-M2lP Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
16mm A6
460
www.idec.com
Switches & Pilot Devices
AL6 Illuminated Pushbuttons (Assembled)
LED Illuminated Pushbuttons
Description
Style
Contact
Part Numbers
Momentary
Maintained (Latching)
Dustproof (IP40)
Oiltight (IP65)
Dustproof (IP40)
Oiltight (IP65)
Standard
Lens
Round (18mm lens)
SPDT
DPDT
AL6M-M1l-k
AL6M-M2l-k
AL6M-M1lP-k
AL6M-M2lP-k
AL6M-A1l-k
AL6M-A2l-k
AL6M-A1lP-k
AL6M-A2lP-k
Square (18mm lens)
SPDT
DPDT
AL6Q-M1l-k
AL6Q-M2l-k
AL6Q-M1lP-k
AL6Q-M2lP-k
AL6Q-A1l-k
AL6Q-A2l-k
AL6Q-A1lP-k
AL6Q-A2lP-k
Rectangular (18mm x
24mm lens)
SPDT
DPDT
AL6H-M1l-k
AL6H-M2l-k
AL6H-M1lP-k
AL6H-M2lP-k
AL6H-A1l-k
AL6H-A2l-k
AL6H-A1lP-k
AL6H-A2lP-k
Oversize
Lens
Round (24mm lens)
SPDT
DPDT
–
AL6M-M1lP-Mk
AL6M-M2lP-Mk
–
AL6M-A1lP-Mk
AL6M-A2lP-Mk
Square (24mm lens)
SPDT
DPDT
–
AL6Q-M1lP-Qk
AL6Q-M2lP-Qk
–
AL6Q-A1lP-Qk
AL6Q-A2lP-Qk
Rectangular (18mm x
24mm lens)
SPDT
DPDT
–
AL6Q-M1lP-Hk
AL6Q-M2lP-Hk
–
AL6Q-A1lP-Hk
AL6Q-A2lP-Hk
1. In place of k, specify Lens/LED Color Code from table below.
2. In place of l, specify Voltage Code from table below.
3. Lamps also available in 5V DC, 6V AC/DC or 12 V AC/DC, change “4” using voltage/lamp codes (ie AL6M-M13-k uses 12V AC/DC LED).
4. LED lamp is included in unit and contains a current-limiting resistor and a protection diode. (External resistor not required.)
5. To order as sub-assembled, see page 461.
6. For accessories, see page 466.
7. For dimensions, see page 468.
8. Light independent of switch position.
kLens/LED Color Code
Color
Code
Amber
A
Green
G
Red
R
Blue
S
Warm White
W
Cool White
JW
Yellow
Y
lVoltage Code
Voltage
Code
5V DC
1
6V AC/DC
2
12V AC/DC
3
24V AC/DC
4
lVoltage Code
Voltage
Code
5V DC
1
6V AC/DC
2
12V AC/DC
3
24V AC/DC
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com