Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAMSS0045 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAAMSS0045
Description  High Dynamic Range Low Noise Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAMSS0045 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAAMSS0045 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAMSS0045 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAMSS0045 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAMSS0045 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAMSS0045 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAMSS0045 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
High Dynamic Range Low Noise Amplifier
1400 - 2000 MHz
Rev. V1
MAAMSS0045
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Absolute Maximum Ratings 4,5
Parameter
Absolute Maximum
VDD
+10 VDC
Input Power
+17 dBm
Current6
80 mA
Channel Temperature7
+150°C
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
4. Exceeding any one or combination of these limits may cause
permanent damage.
5. M/A-COM does not recommend sustained operation near
these survivability limits.
6. When pin #2 is used to increase current. (See note 9)
7. Thermal resistance (
θjc) = +99°C/W.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive to
electrostatic discharge (ESD) and can be damaged by
static electricity. Proper ESD control techniques should
be used when handling these devices.
Electrical Specifications: TA = +25°C, Z0 = 50 Ω, F = 1785 MHz, Pin = -30 dBm
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Gain
5 V, 45 mA3
3 V, 20 mA
dB
dB
12.0
—
14
12.5
—
—
Noise Figure
5 V, 45 mA3
3 V, 20 mA
dB
dB
—
—
1.4
1.5
1.8
—
Input VSWR
—
Ratio
—
1.5:1
—
Output VSWR
—
Ratio
—
2.0:1
—
Output 1 dB Compression
5 V, 45 mA3
3 V, 20 mA
dBm
dBm
—
—
16.0
9.0
—
—
Input IP3
5 V, 45 mA3
3 V, 20 mA
dBm
dBm
13.0
—
15
8.0
—
—
Reverse Isolation
—
dB
—
22
—
Drain Current
5 V, 45 mA2
mA
30
45
60
3. Using external 15 Ω resistor. See functional schematic on page 3.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com