Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL6M-A2lP Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # AL6M-A2lP
Description  A6 Series Miniature Switches and Pilot Devices 16mm
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AL6M-A2lP Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button AL6M-A2lP Datasheet HTML 6Page - List of Unclassifed Manufacturers AL6M-A2lP Datasheet HTML 7Page - List of Unclassifed Manufacturers AL6M-A2lP Datasheet HTML 8Page - List of Unclassifed Manufacturers AL6M-A2lP Datasheet HTML 9Page - List of Unclassifed Manufacturers AL6M-A2lP Datasheet HTML 10Page - List of Unclassifed Manufacturers AL6M-A2lP Datasheet HTML 11Page - List of Unclassifed Manufacturers AL6M-A2lP Datasheet HTML 12Page - List of Unclassifed Manufacturers AL6M-A2lP Datasheet HTML 13Page - List of Unclassifed Manufacturers AL6M-A2lP Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
16mm A6
469
USA: 800-262-IDEC
Canada: 888-317-IDEC
Switches & Pilot Devices
Switch Guard, Ø 5/8” (16mm)
Rubber Gasket
(90
°/110° opening type)
(180
° opening type)
Rubber Gasket
34
14
28
32
Panel Thickness
0.5 to 5
Panel Thickness
0.5 to 5
R22
14
28
24
25 minimum
19 minimum
18
Panel Thickness
0.5 to 5
Rubber
Gasket
Waterproof Gasket
for Switch Guard
34
14
28
R22
24
25 min.
19 min.
18
0.4
Flush Bezel
Flush Bezel with Switch
Round
ø18
24
30
ø18
0.9
0.8
9.8
2
8.5
2
8.5
2
9.3
Mounting
Bracket
Gasket
Flush
Bezel
Metal
Plastic
29
8
1
Panel Thickness 0.5 to 5
2
Square
Selector Switches
Illuminated &
Non-illuminated
2
8.5
Key
2
18.1
Lever
2
17
Rectangular
Flush Bezel Mounting Hole Layout
Round
Square
Rectangular
24 min.
∗
24 min.
∗
30 min.
∗
20.2 –0.1
+0.2
26.2 –0.1
+0.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com