Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9213 Datasheet(PDF) 2 Page - Alpha Wire

Part # 9213
Description  Customer Specification
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

9213 Datasheet(HTML) 2 Page - Alpha Wire

  9213 Datasheet HTML 1Page - Alpha Wire 9213 Datasheet HTML 2Page - Alpha Wire 9213 Datasheet HTML 3Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Physical & Mechanical Properties
1) Temperature Range
-15 to 80°C
2) Bend Radius
10X Cable Diameter
3) Pull Tension
64 Lbs, Maximum
Electrical Properties
(For Engineering purposes only)
1) Voltage Rating
3700 VRMS
2) Characteristic Impedance
50 +/- 2
3) Ground Capacitance
30.8 pf/ft @1 kHz, Nominal
4) Velocity of Propagation
66 %
5) Conductor DCR
1.7 /1000ft @20°C, Nominal
6) OA Shield DCR
1.2 /1000ft @20\°C, Nominal
7) Voltage Withstanding
10 kV, Minimum
8) Corona Extinction
5 kV, Minimum
9) Attenuation, Max dB/100ft
2.3 @ 100 MHz
9.2 @ 3 GHz
Other
1) Packaging
a) 1000 FT
b) 500 FT
c) 100 FT
www.alphawire.com
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742)
Although Alpha Wire (“Alpha”) makes every reasonable effort to ensure there accuracy at the time of publication, information and specifications
described herein are subject to errors or omissions and to changes without notice, and the listing of such information and specifications does not
ensure product availability.
Alpha provides the information and specifications herein on an “AS IS” basis, with no representations or warranties, whether express, statutory or
implied. In no event will Alpha be liable for any damages (including consequential, indirect, incidental, special, punitive, or exemplary) whatsoever,
even if Alpha had been advised of the possibility of such damages, whether in an action under contract, negligence or any other theory, arising out
of or in connection with the use, or inability to use, the information or specifications described herein.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com