Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTB20007 Datasheet(PDF) 3 Page - Ericsson

Part # PTB20007
Description  30 Watts, 935-960 MHz Cellular Radio RF Power Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PTB20007 Datasheet(HTML) 3 Page - Ericsson

  PTB20007 Datasheet HTML 1Page - Ericsson PTB20007 Datasheet HTML 2Page - Ericsson PTB20007 Datasheet HTML 3Page - Ericsson  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PTB 20007
3
e
Gain & Efficiency vs. Frequency
(as measured in a broadband circuit)
6
7
8
9
10
11
12
920
930
940
950
960
970
Frequency (MHz)
20
30
40
50
60
70
80
VCC = 24 V
ICQ = 200 mA
Pout = 30 W
Gain (dB)
Efficiency (%)
Typical Performance
Ericsson Components
RF Power Products
675 Jarvis Drive
Morgan Hill, CA 95037 USA
Telephone: 408-778-9434
Specifications subject to change without notice.
LF
© Ericsson Components AB 1994
EUS/KR 1301-PTB 20007 Uen Rev. D 09-28-98
1-877-GOLDMOS
(1-877-465-3667)
e-mail: rfpower@ericsson.com
www.ericsson.com/rfpower
5/19/98



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com