Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FIT295 Datasheet(PDF) 1 Page - Alpha Wire

Part # FIT295
Description  ALPHA WIRE COMPANY CUSTOMER PRODUCT SPECIFICATION
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

FIT295 Datasheet(HTML) 1 Page - Alpha Wire

  FIT295 Datasheet HTML 1Page - Alpha Wire FIT295 Datasheet HTML 2Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ALPHA WIRE COMPANY
CUSTOMER PRODUCT SPECIFICATION
Part Number: FIT295
Issue:
4
Page 1 of 1 Pages
Issue Date:
6/7/2004
Effective Date:
6/7/2004
A. Construction
1) Product
Heat Shrinkable Tubing
2) Material
Irradiated Semi-Rigid Polyolefin
B. Physical Properties
1) Shrink Ratio
Approximately 2:1
2) Shrink Temperature
130
oC, Nominal
3) Appearance
Homogeneous Surface, Free From Pinholes, Defects,
Cracks, Seams and Inclusions
4) Surface Marking
None
5) Dimensions
See Table 1
6) Colors
Black, Clear (Translucent)
7) Temperature Rating
-55° to +135°C, Continuous
8) Tensile Strength
2000 PSI, Minimum (ASTM D638)
9) Ultimate Elongation
200%, Minimum (ASTM D638)
10) Flammability
Class 1: Flame resistant. Pass, UL-244 VW-1
Class 2: Flammable (clear only)
11) Specific Gravity
Class 1: 1.35 (ASTM D792)
Class 2: 1.00 (ASTM D792) (clear only)
Table 1
Part Number
Minimum
Supplied I.D.
Maximum
Recovered I.D.
Nominal Recovered
Wall Thickness
FIT-295-3/64
0.046
0.023
0.020
FIT-295-1/16
0.063
0.031
0.020
FIT-295-3/32
0.093
0.046
0.020
FIT-295-1/8
0.125
0.062
0.020
FIT-295-3/16
0.187
0.093
0.025
FIT-295-1/4
0.250
0.125
0.025
FIT-295-3/8
0.375
0.187
0.030
FIT-295-1/2
0.500
0.250
0.030
C. Electrical Properties
1) Dielectric Strength
500 v/mil, Minimum (ASTM D876)
2) Volume Resistivity
10
14 Ohm-cm, Minimum (ASTM D876)
D. Chemical Properties
1) Corrosion (16 hours @ 150°C)
No Corrosion (AMS-DTL-23053)
2) Water Absorption
Class 1: 0.5 % Maximum (ASTM D570)
Class 2: 0.2 % Maximum (ASTM D570) (clear only)
E. Industry Approvals and Ratings
1) UL
UL Standard 224* 125C 600V VW-1
2) CSA
CSA 22.2 No. 198* 125C 600V
3) Military
AMS-DTL-23053/6, Class 1, 2 (except Longitudinal
Creep)
* Clear not Flame Retardant but is UL Recognized/CSA Listed


Similar Part No. - FIT295

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
FIT-105-1 ALPHAWIRE-FIT-105-1 Datasheet
70Kb / 3P
Customer Specification
FIT-105-1-1-2 ALPHAWIRE-FIT-105-1-1-2 Datasheet
392Kb / 4P
RoHS-Compliant Commencing With 7/1/2006 Production
FIT-105-1-1/2 ALPHAWIRE-FIT-105-1-1/2 Datasheet
392Kb / 4P
RoHS-Compliant Commencing With 7/1/2006 Production
FIT-105-1-12 ALPHAWIRE-FIT-105-1-12 Datasheet
75Kb / 3P
Customer Specification
FIT-105-1-12 ALPHAWIRE-FIT-105-1-12 Datasheet
99Kb / 4P
Customer Specification
8/30/2022
More results

Similar Description - FIT295

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
B953021 ALPHAWIRE-B953021 Datasheet
68Kb / 2P
ALPHA WIRE CUSTOMER PRODUCT SPECIFICATION
logo
List of Unclassifed Man...
5271C ETC-5271C Datasheet
82Kb / 2P
ALPHA WIRE COMPANY CUSTOMER PRODUCT SPECIFICATION
logo
Alpha Wire
1134C ALPHAWIRE-1134C Datasheet
77Kb / 1P
CUSTOMER PRODUCT SPECIFICATION
1139C ALPHAWIRE-1139C Datasheet
77Kb / 1P
CUSTOMER PRODUCT SPECIFICATION
2212C ALPHAWIRE-2212C Datasheet
79Kb / 2P
CUSTOMER PRODUCT SPECIFICATION
2215C ALPHAWIRE-2215C Datasheet
79Kb / 2P
CUSTOMER PRODUCT SPECIFICATION
2243C ALPHAWIRE-2243C Datasheet
79Kb / 2P
CUSTOMER PRODUCT SPECIFICATION
2466C ALPHAWIRE-2466C Datasheet
76Kb / 1P
CUSTOMER PRODUCT SPECIFICATION
5227C ALPHAWIRE-5227C Datasheet
83Kb / 2P
CUSTOMER PRODUCT SPECIFICATION
6014C ALPHAWIRE-6014C Datasheet
85Kb / 2P
CUSTOMER PRODUCT SPECIFICATION
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com