Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5320 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # 2N5320
Description  SILICON POWER SWITCHING TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N5320 Datasheet(HTML) 2 Page - Continental Device India Limited

  2N5320 Datasheet HTML 1Page - Continental Device India Limited 2N5320 Datasheet HTML 2Page - Continental Device India Limited 2N5320 Datasheet HTML 3Page - Continental Device India Limited 2N5320 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SILICON POWER SWITCHING TRANSISTORS
2N5320, 2N5321 NPN
2N5322, 2N5323 PNP
TO-39
Metal Can Package
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
MIN
TYP
MAX
UNITS
DC Current Gain
*hFE
10
30
130
40
250
Collector Emitter Saturation Voltage
*VCE (sat)
0.5
V
0.8
V
0.7
V
1.2
V
Base Emitter On Voltage
*VBE (on)
1.1
V
1.4
V
DYNAMIC CHARACTERISTICS
Small Signal Current Gain
hfe
5
SWITCHING CHARACTERISTICS
Turn On time
ton
80
ns
100
ns
Turn Off time
toff
800
ns
1000
ns
*Pulsed: Pulse width <300
µµs, duty cycle <2%
2N5320/5321
2N5322/5323
2N5320/5322
2N5321/5323
2N5320/5321
2N5322/5323
VCC=30V, IC=500mA, IB1=50mA
VCC=30V, IC=500mA, IB1=IB2=50mA
IC=50mA,VCE=4V, f=10MHz
2N5320/5322
IC=500mA, IB=50mA
IC=500mA, VCE=4V
2N5321
2N5322
2N5323
TEST CONDITION
IC=0.5A, VCE=4V
2N5321/5323
2N5320
2N5320/5322
IC=1A, VCE=2V
Continental Device India Limited
Data Sheet
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com