Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5294 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # 2N5294
Description  NPN PLASTIC POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N5294 Datasheet(HTML) 1 Page - Continental Device India Limited

  2N5294 Datasheet HTML 1Page - Continental Device India Limited 2N5294 Datasheet HTML 2Page - Continental Device India Limited 2N5294 Datasheet HTML 3Page - Continental Device India Limited 2N5294 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Continental Device India Limited
Data Sheet
Page 1 of 4
2N5294, 5296, 5298
NPN PLASTIC POWER TRANSISTORS
Medium Power Switching and Amplifier Applications
ABSOLUTE MAXIMUM RATINGS
5294 5296 5298
Collector-base voltage (open emitter)
VCBO
max.
80
60
80 V
Collector-emitter voltage (open base)
VCEO
max.
70
40
60 V
Collector current
IC
max.
4.0
A
Total power dissipation up to TC = 25°C
Ptot
max.
36
W
Junction temperature
Tj
max.
150
°C
Collector-emitter saturation voltage
IC = 0.5 A; IB = 0.05 A
VCEsat max. 1.0
–
– V
IC = 1 A; IB = 0.1 A
–
1.0
– V
IC = 1.5 A; IB = 0.15 A
–
–
1.0 V
D.C. current gain
IC = 0.5 A; VCE = 4 V
hFE
min.
30
–
–
max. 120
–
–
IC = 1 A; VCE = 4 V
hFE*
min.
–
30
–
max.
–
120
–
IC = 1.5 A; VCE = 4 V
hFE*
min.
–
–
20
max.
–
–
80
2N5294, 2N5296, 2N5298
PIN CONFIGURATION
1. BASE
2. COLLECTOR
3. EMITTER
4. COLLECTOR
B
1 23
J
M
G
D
F
E
C
DIM
MIN .
MAX.
A
14.42
16.51
B
9.63
10.67
C
3.56
4.83
D0.90
E
1.15
1.40
F
3.75
3.88
G
2.29
2.79
H
2.54
3.43
J0.56
K
12.70
14.73
L
2.80
4.07
M
2.03
2.92
N
31.24
ODEG 7
1
2
3
4
TO-220 Plastic Package
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - 2N5294

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2N5294 ETC-2N5294 Datasheet
27Kb / 1P
Chip Transistor
logo
Central Semiconductor C...
2N5294 CENTRAL-2N5294 Datasheet
71Kb / 1P
NPN SILICON TRANSISTOR
logo
Savantic, Inc.
2N5294 SAVANTIC-2N5294 Datasheet
103Kb / 3P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2N5294 JMNIC-2N5294 Datasheet
133Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2N5294 ISC-2N5294 Datasheet
134Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - 2N5294

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
BDX53 TEL-BDX53 Datasheet
49Kb / 2P
NPN PLASTIC POWER TRANSISTORS
TIP47 TEL-TIP47 Datasheet
80Kb / 3P
NPN PLASTIC POWER TRANSISTORS
logo
Continental Device Indi...
CSC2690 CDIL-CSC2690 Datasheet
440Kb / 3P
NPN PLASTIC POWER TRANSISTORS
TIP47 CDIL-TIP47 Datasheet
359Kb / 4P
NPN PLASTIC POWER TRANSISTORS
MJE13006 CDIL-MJE13006 Datasheet
336Kb / 4P
NPN PLASTIC POWER TRANSISTORS
MJE13004 CDIL-MJE13004 Datasheet
279Kb / 4P
NPN PLASTIC POWER TRANSISTORS
BUX84 CDIL-BUX84 Datasheet
77Kb / 3P
NPN PLASTIC POWER TRANSISTORS
BU406 CDIL-BU406 Datasheet
366Kb / 4P
NPN PLASTIC POWER TRANSISTORS
BF469 CDIL-BF469 Datasheet
118Kb / 3P
NPN PLASTIC POWER TRANSISTORS
BF457 CDIL-BF457 Datasheet
118Kb / 4P
NPN PLASTIC POWER TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com