Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N4032 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # 2N4032
Description  PNP SILICON PLANAR TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N4032 Datasheet(HTML) 2 Page - Continental Device India Limited

  2N4032 Datasheet HTML 1Page - Continental Device India Limited 2N4032 Datasheet HTML 2Page - Continental Device India Limited 2N4032 Datasheet HTML 3Page - Continental Device India Limited 2N4032 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PNP SILICON PLANAR TRANSISTORS
2N4030, 2N4031
2N4032, 2N4033
TO-39
Metal Can Package
DESCRIPTION
SYMBOL TEST CONDITION
MIN
MAX
UNITS
Collector Emitter Saturation Voltage
VCE(Sat) *IC=150mA,IB=15mA
0.15
V
IC=500mA,IB=50mA
0.5
V
2N4030, 4032
IC=1A,IB=100mA
1.0
V
Base Emitter Saturation Voltage
VBE(Sat) *IC=150mA,IB=15mA
0.9
V
Base Emitter on Voltage
VBE(on) *IC=500mA, VCE=0.5V
1.1
V
2N4030, 4032
IC=1A, VCE=1V
1.2
V
DC Current Gain
2N4030, 4031
hFE*IC=100mA, VCE=5V
30
2N4032, 4033
75
2N4030, 4031
IC=100mA,VCE=5V
40
120
2N4032, 4033
100
300
2N4030, 4031
IC=500mA,VCE=5V
25
70
2N4030, 4031
IC=100mA,VCE=5V,
15
2N4032, 4033
Ta=-55ºC
40
2N4030
IC=1A, VCE=5V
15
2N4031
10
2N4032
40
2N4033
25
SMALL SIGNAL CHARACTERISTICS
Trasition Frequnecy
fT
2N4030, 4031
IC=50mA, VCE=10V,
100
400
MHz
2N4032, 4033
f=100MHz
150
500
MHz
Output Capacitance
Cob
VCB=10V,IE=0,f=1MHz
20
pF
Input Capacitance
Cib
VBE=0.5V,IC=0,f=1MHz
110
pF
Turn on Time
ton
IC=500mA, IB1=50mA
100
nS
Storage Time
ton
IC=500mA, IB1=IB2=50mA
350
nS
Fall Time
tf
IC=500mA,IBI=IB2=50mA
50
nS
*Pulse Test: Pulse Width <300
µs, Duty Cycle <2%
Continental Device India Limited
Data Sheet
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com