Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ULR3-R001FT2 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ULR3-R001FT2
Description  Metal Strip Current Sense Resistors Surface Mount
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ULR3-R001FT2 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ULR3-R001FT2 Datasheet HTML 1Page - List of Unclassifed Manufacturers ULR3-R001FT2 Datasheet HTML 2Page - List of Unclassifed Manufacturers ULR3-R001FT2 Datasheet HTML 3Page - List of Unclassifed Manufacturers ULR3-R001FT2 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Metal Strip Current Sense
Resistors Surface Mount
ULR Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
02. 12
Welwyn Components
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0)1670 822181 · Facsimile: +44 (0)1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
08.10
Metal Strip Current Sense Resistors Surface Mount
ULR Series
Construction
Blackcoat
Alow TCR resistance alloyplate,withtin plated connection bandsisprotectivelycoatedon the upperand lower
facesand numericallymarkedwiththe resistance value. Thispartissuitablefor wave or IRreflowsoldering.
Greencoat
Alow TCRresistancealloy plateisgrooved to setthe finalresistance, thelower facesare tinplatedfor
connections, anditisprotectivelycoatedonthe upperand lower facesand numericallymarkedwiththe resistance
value. This partisONLY suitable for IR reflow soldering.
Uncoated
Alow TCRresistancealloy plateisgrooved to setthe finalresistanceand thelower face only is protectedwithan
epoxy coating. The lowerfaces aretin plated forconnections. This partis ONLY suitable forIRreflowsoldering.
Marking
Only 2512 size partsare marked.For values whichare integernumbers of milliohms, themarking is 4-character
IEC62code;e.g.“R002”for 2m ,“R010”for 10m .For values includingfractions of amilliohm themarking is 3or
4-charactercodeusing “M” to indicate thedecimal point, e.g. “M75”for 0.75m ,“1M50”for 1.5m .
TerminationDetails:
Material
Matt tin plated finish over abarrier layer
Solderability
95%min coverage (MIL-STD 202F/208H,235ºC 2 secs)
Sn Plated Finish
GreenCoat& Uncoated
Black
AEC-Q200 Table 7
Method
Max. (add R0005)
ref.
Test
Black &
uncoated
Green
3
High Temp. Exposure * MIL-STD-202 Method 108
1
1
4
Temperature Cycling
JESD22 Method JA-104
0.5
0.5
6
Moisture Resistance MIL-STD-202 Method 106
1
1
7
Biased Humidity MIL-STD-202 Method 103
1
1
8
Operational Life (Cyclic Load) * MIL-STD-202 Method 108
1
1
14
Vibration MIL-STD-202 Method 204
0.5
0.5
15
Resistance to Soldering Heat * MIL-STD-202 Method 210
0.5
1
16
Thermal Shock * MIL-STD-202 Method 107
0.5
1
18
Solderability
J-STD-002
>95% coverage
21
Board Flex
AEC-Q200-005
0.5
0.5
22
Terminal Strength
AEC-Q200-006
0.25
0.25
Short Term Overload *
5 x Pr for 5s
0.5
1
Notes: 1. Full AEC-Q200 qualification applies to 2512 size. The 1206 and 2010 sizes have received the tests marked *.
Power de-rating graph 100
%
P
50
%
0
%
T°C
80
170
0
-55
Ni Plating



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com