Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTB20105 Datasheet(PDF) 3 Page - Ericsson

Part # PTB20105
Description  20 Watts, 925-960 MHz Cellular Radio RF Power Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PTB20105 Datasheet(HTML) 3 Page - Ericsson

  PTB20105 Datasheet HTML 1Page - Ericsson PTB20105 Datasheet HTML 2Page - Ericsson PTB20105 Datasheet HTML 3Page - Ericsson  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PTB 20105
3
e
Efficiency vs. Output Power
0
10
20
30
40
50
60
4
8
12
16
20
24
Output Power (Watts)
VCC = 25 V
ICQ = 0.100 A
f = 960 MHz
Gain vs. Frequency
(as measured in a broadband circuit)
7
8
9
10
11
925
930
935
940
945
950
955
960
Frequency (MHz)
VCC = 25 V
ICQ = 0.100 A
Pout = 20 W
Output Power vs. Supply Voltage
10
14
18
22
26
17
19
21
23
25
27
Vcc, Supply Voltage
ICQ = 0.100 A
f = 960 MHz
Pin = 2.2 W
Typical Performance
Ericsson Components
RF Power Products
675 Jarvis Drive
Morgan Hill, CA 95037 USA
Telephone: 408-778-9434
Specifications subject to change without notice.
LF
© 1996 Ericsson Inc.
EUS/KR 1301-PTB 20105 Uen Rev. C 09-28-98
1-877-GOLDMOS
(1-877-465-3667)
e-mail: rfpower@ericsson.com
www.ericsson.com/rfpower



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com