Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N2905A Datasheet(PDF) 1 Page - Continental Device India Limited

Part # 2N2905A
Description  PNP SILICON PLANAR SWITCHING TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N2905A Datasheet(HTML) 1 Page - Continental Device India Limited

  2N2905A Datasheet HTML 1Page - Continental Device India Limited 2N2905A Datasheet HTML 2Page - Continental Device India Limited 2N2905A Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PNP SILICON PLANAR SWITCHING TRANSISTORS
2N2904A
2N2905A
TO-39
Switching And Linear Application DC to VHF Amplifier Applications
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
2N2904A, 05A
UNIT
Collector -Emitter Voltage
VCEO
60
V
Collector -Base Voltage
VCBO
60
V
Emitter -Base Voltage
VEBO
5.0
V
Collector Current Continuous
IC
600
mA
Power Dissipation @Ta=25 degC
PD
600
mW
Derate Above 25deg C
3.43
mW/deg C
@ Tc=25 degC
PD
3.0
W
Derate Above 25deg C
17.2
mW/deg C
Operating And Storage Junction
Tj, Tstg
-65 to +200
deg C
Temperature Range
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified)
DESCRIPTION
SYMBOL
TEST CONDITION
VALUE
MIN
MAX
UNIT
Collector -Emitter Voltage
VCEO*
IC=10mA,IB=0
60
-
V
Collector -Base Voltage
VCBO
IC=10uA.IE=0
60
-
V
Emitter-Base Voltage
VEBO
IE=10uA, IC=0
5.0
-
V
Collector-Cut off Current
ICBO
VCB=50V, IE=0
-
10
nA
Ta=150 deg C
VCB=50V, IE=0
-
10
uA
ICEX
VCE=30V, VBE=0.5V
-
50
nA
Base Current
IB
VCE=30V, VBE=0.5V
-
50
nA
Collector Emitter Saturation Voltage
VCE(Sat)* IC=150mA,IB=15mA
-
0.4
V
IC=500mA,IB=50mA
1.6
V
Base Emitter Saturation Voltage
VBE(Sat) * IC=150mA,IB=15mA
-
1.3
V
IC=500mA,IB=50mA
-
2.6
V
2N2904A
2N2905A
DC Current Gain
hFE
IC=0.1mA,VCE=10V
>40
>75
IC=1mA,VCE=10V
>40
>100
IC=10mA,VCE=10V
>40
>100
IC=150mA,VCE=10V*
40-120
100-300
IC=500mA,VCE=10V*
>40
>50
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - 2N2905A

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N2905A SEME-LAB-2N2905A Datasheet
18Kb / 2P
HIGH SPEED MEDIUM POWER PNP SWITCHING TRANSISTOR
logo
Semicoa Semiconductor
2N2905A SEMICOA-2N2905A Datasheet
31Kb / 1P
Chip Type 2C2907A Geometry 0600 Polarity PNP
2N2905A SEMICOA-2N2905A Datasheet
46Kb / 2P
Type 2N2905A Geometry 0600 Polarity PNP
logo
Boca Semiconductor Corp...
2N2905A BOCA-2N2905A Datasheet
43Kb / 2P
NPN SILICON PLANAR SWITCHING TRANSISTORS
logo
Microsemi Corporation
2N2905A MICROSEMI-2N2905A Datasheet
508Kb / 2P
PNP BIPOLAR TRANSISTOR
More results

Similar Description - 2N2905A

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N2906A BOCA-2N2906A Datasheet
44Kb / 2P
PNP SILICON PLANAR SWITCHING TRANSISTORS
logo
Zetex Semiconductors
FMMT3906 ZETEX-FMMT3906 Datasheet
174Kb / 2P
SOT23 PNP SILICON PLANAR SWITCHING TRANSISTORS
BSS80B ZETEX-BSS80B Datasheet
29Kb / 1P
SOT23 PNP SILICON PLANAR SWITCHING TRANSISTORS
logo
Diodes Incorporated
FMMT3905 DIODES-FMMT3905 Datasheet
179Kb / 2P
SOT23 PNP SILICON PLANAR SWITCHING TRANSISTORS
MARCH 2000
logo
Continental Device Indi...
2N3905 CDIL-2N3905 Datasheet
359Kb / 5P
PNP SILICON PLANAR EPITAXIAL SWITCHING TRANSISTORS
2N3496 CDIL-2N3496 Datasheet
196Kb / 4P
PNP SILICON PLANAR SWITCHING TRANSISTORS
2N3250 CDIL-2N3250 Datasheet
214Kb / 4P
PNP SILICON PLANAR SWITCHING TRANSISTORS
2N2906A CDIL-2N2906A Datasheet
232Kb / 3P
PNP SILICON PLANAR SWITCHING TRANSISTORS
2N2906 CDIL-2N2906 Datasheet
147Kb / 4P
PNP SILICON PLANAR SWITCHING TRANSISTORS
2N2904 CDIL-2N2904 Datasheet
80Kb / 4P
PNP SILICON PLANAR SWITCHING TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com