Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N2221 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # 2N2221
Description  NPN SILICON PLANAR SWITCHING TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N2221 Datasheet(HTML) 2 Page - Continental Device India Limited

  2N2221 Datasheet HTML 1Page - Continental Device India Limited 2N2221 Datasheet HTML 2Page - Continental Device India Limited 2N2221 Datasheet HTML 3Page - Continental Device India Limited 2N2221 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NPN SILICON PLANAR SWITCHING TRANSISTORS
2N2221
2N2222
TO-18
Metal Can Package
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL TEST CONDITION
UNIT
MIN
MAX
MIN
MAX
DC Current Gain
hFE
IC=0.1mA,VCE=10V*
20
35
IC=1mA,VCE=10V
25
50
IC=10mA,VCE=10V*
35
75
IC=150mA,VCE=1V*
20
50
IC=150mA,VCE=1V*
40
120
100
300
IC=500mA,VCE=10V*
20
30
DYNAMIC CHARACTERISTICS
Transition Frequency
fT
IC=20mA, VCE=20V
250
250
MHz
f=100MHz
Output Capacitance
Cob
VCB=10V, IE=0
88
pF
f=100KHz
Input Capacitance
Cib
VEB=0.5V, IC=0
30
30
pF
f=100kHz
SWITCHING CHARACTERISTICS
Delay time
td
10
ns
IC=150mA,IB1=15mA
Rise time
tr
VCC=30V,VBE(off)=0.5V
25
ns
Storage time
ts
225
ns
IC=150mA, IB1=15mA
Fall time
tf
IB2=15mA, VCC=30V
60
ns
*Pulse Condition: Pulse Width <300
µs, Duty Cycle <2%
2221
2222
Continental Device India Limited
Data Sheet
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com