Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2020 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # P2020
Description  communications processors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P2020 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  P2020 Datasheet HTML 1Page - Freescale Semiconductor, Inc P2020 Datasheet HTML 2Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Freescale, the Freescale logo, PowerQUICC and QorIQ are trademarks of Freescale Semiconductor, Inc., Reg. U.S. Pat. & Tm. Off.
QUICC Engine and CoreNet are trademarks of Freescale Semiconductor, Inc. All other product or service names are the property of
their respective owners. The Power Architecture and Power.org word marks and the Power and Power.org logos and related marks
are trademarks and service marks licensed by Power.org. © 2009, 2011, 2013 Freescale Semiconductor, Inc.
Document Number: QP10XXFS REV 6
For more information, please visit freescale.com/QorIQ
The P1011 and P1020 processors have an
advanced set of features for ease of use. The
256 KB L2 cache offers incremental configuration
to partition the cache between the two cores or
to configure it as SRAM or stashing memory.
The integrated security engine supports the
cryptographic algorithms commonly used
in IPsec, SSL, 3GPP and other networking
and wireless security protocols. The memory
controller offers future-proofing against memory
technology migration with support for both DDR2
and DDR3. It also supports error correction
codes, a baseline requirement for any high-
reliability system.
The P1011 and P1020 processors integrate
a rich set of interfaces, including a 4-lane
multiprotocol SerDes, Gigabit Ethernet, PCI
Express® and USB. The three 10/100/1000
Ethernet ports support advanced packet parsing,
flow control and quality of service features, as
well as IEEE® 1588 time-stamping—all ideal for
managing the datapath traffic between the LAN
and WAN interface. A TDM interface can support
voice for legacy phone applications. Four SerDes
lanes can be portioned across two PCI Express
ports and two SGMII ports. The PCI Express
ports can provide connectivity to IEEE 802.11n
radio cards for wireless support. USB or SD/
MMC interfaces can be used to support local
storage. A second USB interface is also available
to support USB attached printers or as a console
port. Multiple memory connection ports are
available, including the 16-bit local bus, two USB
2.0 controllers, eSDHC and SPI.
Target Applications
The P1011 and P1020 processors serve in
a wide variety of applications. The devices
are well suited for various combinations of
data plane and control plane workloads in
networking and telecom applications. With an
available junction temperature range of –40 ºC
to +125 ºC, the devices can be used in power-
sensitive defense and industrial applications,
and outdoor environments less protected from
the environment. The devices’ primary
target applications are networking and
telecom linecards.
A multiservice router or business gateway
requires a combination of high performance
and a rich set of peripherals to support the
datapath throughputs and required system
functionality. The P1011 and P1020 devices
offer a scalable platform to develop a range of
products that can support the same feature set.
Integrated 10/100/1000 Ethernet controllers
with classification and QoS capabilities are ideal
for managing the datapath traffic between the
LAN and WAN interface. PCI Express ports
can provide connectivity to IEEE 802.11n radio
cards for wireless support, TDM for legacy
phone interfaces to support voice and the USB
or SD/MMC interfaces can be used to support
local storage. The second USB interface is
also available to support USB-attached printers
or as a console port. And the integrated
security engine can provide encrypted secure
communications for remote users with
VPN support.
Technical Specifications
• Dual (P1020) or single (P1011) high-
performance Power Architecture e500 cores
36-bit physical addressing
Double-precision floating-point support
32 KB L1 instruction cache and 32 KB L1
data cache for each core
533–800 MHz core
clock frequency
• 256 KB L2 cache with ECC, also
configurable as SRAM and stashing memory
• Three 10/100/1000 Mb/s enhanced three-
speed Ethernet controllers (eTSECs)
TCP/IP acceleration and
classification capabilities
IEEE 1588 support
Lossless flow control
RGMII, SGMII
• High-speed interfaces (not all
available simultaneously)
Four SerDes to 3.125 GHz multiplexed
across controllers
Two PCI Express controllers
Two SGMII interfaces
• Two High-Speed USB controllers (USB 2.0)
Host and device support
Enhanced host controller interface (EHCI)
ULPI interface to PHY
• Enhanced secure digital host controller
(eSDHC)
• Serial peripheral interface
• Integrated security engine (SEC 3.3)
Crypto algorithm support includes 3DES,
AES, RSA/ECC, MD5/SHA, ARC4, Snow
3G and FIPS deterministic RNG
Single pass encryption/message
authentication for common security
protocols (e.g., IPsec, SSL, SRTP, WiMAX)
XOR acceleration
• 32-bit DDR2/DDR3 SDRAM memory
controller with ECC support
• Programmable interrupt controller (PIC)
compliant with OpenPIC standard
• Four-channel DMA controller
• Two I2C controllers, DUART, timers
• Enhanced local bus controller (eLBC)
• 16 general-purpose I/O signals
• Package: 689-pin wirebond power-BGA
(TEPBGA2)
QorIQ P1020 and P1011 Features
QorIQ
Platform
Device
Cores
Top Core
Frequency
L2 Size DDR 2/3 Support GE Ports
QUICC
Engine
SerDes
PCI Express
Serial RapidIO
TDM
P1
P1011
1
800 MHz
256 KB
32-bit with ECC
3
4
2
N/A
Yes
Yes
P1
P1020
2
800 MHz
256 KB
32-bit with ECC
3
4
2
N/A
Yes
Yes
P2
P2010
1
1200 MHz
512 KB
64-bit with ECC
3
4
3
2
N/A
In QUICC Engine
P2
P2020
2
1200 MHz
512 KB
64-bit with ECC
3
4
3
2
N/A
In QUICC Engine



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com