Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTT87 Datasheet(PDF) 1 Page - Switchcraft, Inc.

Part # RTT87
Description  MINIATURE TELEPHONE JACKS, RIGHT ANGLE, PC MOUNT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

RTT87 Datasheet(HTML) 1 Page - Switchcraft, Inc.

  RTT87 Datasheet HTML 1Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ONLINE CATALOG
SWITCHCRAFT, INC. 5555 N. Elston Ave.
Chicago, IL 60630 • 773 792-2700 • FAX: 773 792-2129
www.switchcraft.com
MINIATURE TELEPHONE JACKS, RIGHT ANGLE, PC MOUNT
DIMENSIONS ARE FOR REFERENCE ONLY
NOTE: Contact your Switchcraft Representative for price and delivery.
Inch
(mm)
No. P2864 Cover
RECOMMENDED PC
BOARD LAYOUT
RECOMMENDED PC
BOARD LAYOUT
No. P2863 Cover
No. RTT34B (Less cover)
No. RTT87 (Less cover)


Similar Part No. - RTT87

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
RTT80 SCHNEIDER-RTT80 Datasheet
120Kb / 2P
Temperature transmitter with advanced diagnostics, dual 3- wire RTD channels, and SIL 2/3 certification.
Apr 26, 2022
More results

Similar Description - RTT87

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
MTJ64021 ADAM-TECH-MTJ64021 Datasheet
151Kb / 1P
MODULAR TELEPHONE JACKS
MTJG-12-88JX1-FSG-PG ADAM-TECH-MTJG-12-88JX1-FSG-PG Datasheet
157Kb / 1P
MODULAR TELEPHONE JACKS GANGED & STACKED JACKS
MTJP-616L ADAM-TECH-MTJP-616L Datasheet
268Kb / 3P
MODULAR TELEPHONE JACKS WIRE LEADED JACKS
logo
Switchcraft, Inc.
RAPC712BK SWITCH-RAPC712BK Datasheet
40Kb / 1P
RIGHT ANGLE MINIATURE LOCKING POWER JACKS
RASH722X SWITCH-RASH722X Datasheet
185Kb / 1P
RIGHT ANGLE PC MOUNT DC SERIES POWER JACKS
logo
Adam Technologies, Inc.
DJ-005-S5 ADAM-TECH-DJ-005-S5 Datasheet
102Kb / 1P
DIN JACKS RIGHT ANGLE PCB MOUNT
MTJG-8-88JX1-FSG-PG-L25 ADAM-TECH-MTJG-8-88JX1-FSG-PG-L25 Datasheet
97Kb / 1P
MODULAR TELEPHONE JACKS GANGED
MTJG-8-88JX1-FSG-PG-LD ADAM-TECH-MTJG-8-88JX1-FSG-PG-LD Datasheet
144Kb / 1P
MODULAR TELEPHONE JACKS GANGED
MTJG-8-88JX1-FSG-PG-LH ADAM-TECH-MTJG-8-88JX1-FSG-PG-LH Datasheet
105Kb / 1P
MODULAR TELEPHONE JACKS GANGED
MTJG-8-88JX1-FS-PG-LD-SPB ADAM-TECH-MTJG-8-88JX1-FS-PG-LD-SPB Datasheet
104Kb / 1P
MODULAR TELEPHONE JACKS GANGED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com