Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE4141 Datasheet(PDF) 2 Page - Peregrine Semiconductor

Part # PE4141
Description  Ultra-linear UltraCMOS??Broadband Quad MOSFET Array
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE4141 Datasheet(HTML) 2 Page - Peregrine Semiconductor

  PE4141_14 Datasheet HTML 1Page - Peregrine Semiconductor PE4141_14 Datasheet HTML 2Page - Peregrine Semiconductor PE4141_14 Datasheet HTML 3Page - Peregrine Semiconductor PE4141_14 Datasheet HTML 4Page - Peregrine Semiconductor PE4141_14 Datasheet HTML 5Page - Peregrine Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Product Specification
PE4141
Page 2 of 5
©2010-11 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0268-04
│ UltraCMOS™ RFIC Solutions
Table 2. Pin Descriptions
Table 3. Absolute Maximum Ratings
Electrostatic Discharge (ESD) Precautions
This MOSFET device has minimally protected
inputs and is highly susceptible to ESD damage.
When handling this UltraCMOS™ device, observe
the same precautions that you would use with
other ESD-sensitive devices.
Latch-Up Avoidance
Unlike conventional CMOS devices, UltraCMOS™
devices are immune to latch-up.
Figure 3. Pin Configuration (Top View)
Exceeding absolute maximum ratings may cause
permanent damage. Operation should be
restricted to the limits in the Operating Ranges
table. Operation between operating range
maximum and absolute maximum for extended
periods may reduce reliability.
Symbol
Parameters/
Conditions
Min
Max
Units
TST
Storage temperature
range
-65
150
°C
TOP
Operating temperature
range
0
70
°C
VDC + AC
Maximum DC plus peak
AC voltage across Drain-
Source
±3.3
V
VDC+AC
Maximum DC plus peak
AC voltage across Gate-
Drain or Gate-Source
±4.2
V
VESD
ESD Sensitive Device
100
V
Marking
Packaged devices are marked with part number
“4141”, date code and lot code.
Pin No.
Pin Name
Description
1
IF1
IF Output Connection (Drain)
2
GND
Ground
3
RF1
RF Input Connection (Source)
4
RF2
RF Input Connection (Source)
5
LO2
LO Input Connection (Gate)
6
LO1
LO Input Connection (Gate)
7
GND
Ground
8
IF2
IF Output Connection (Drain)
Device Description
The performance level of this MOSFET array is
made possible by the very high linearity afforded
by Peregrine’s UltraCMOS™ process. The 8-lead
MSOP package is suitable for highly magnetic
applications including Magnetic Resonance
Imaging (MRI.)
The PE4141 is an ideal MOSFET array core for a
wide range of MOSFET array products, including
module level solutions that incorporate baluns or
other single-ended matching structures enabling
three-port operation.
Logo updated under non-rev change. Peregrine products are protected under one or more of the following U.S. Patents: http://patents.psemi.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com