Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE4239 Datasheet(PDF) 2 Page - Peregrine Semiconductor

Part # PE4239
Description  SPDT UltraCMOS??RF Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE4239 Datasheet(HTML) 2 Page - Peregrine Semiconductor

  PE4239_14 Datasheet HTML 1Page - Peregrine Semiconductor PE4239_14 Datasheet HTML 2Page - Peregrine Semiconductor PE4239_14 Datasheet HTML 3Page - Peregrine Semiconductor PE4239_14 Datasheet HTML 4Page - Peregrine Semiconductor PE4239_14 Datasheet HTML 5Page - Peregrine Semiconductor PE4239_14 Datasheet HTML 6Page - Peregrine Semiconductor PE4239_14 Datasheet HTML 7Page - Peregrine Semiconductor PE4239_14 Datasheet HTML 8Page - Peregrine Semiconductor PE4239_14 Datasheet HTML 9Page - Peregrine Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Product Specification
PE4239
Page 2 of 9
©2002-2006 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0068-02
│ UltraCMOS™ RFIC Solutions
Table 2. Pin Descriptions
Note 1:
All RF pins must be DC blocked with an external series
capacitor or held at 0 VDC.
Figure 3. Pin Configuration (Top View)
Table 3. Absolute Maximum Ratings
Electrostatic Discharge (ESD) Precautions
When handling this UltraCMOS™ device, observe
the same precautions that you would use with
other ESD-sensitive devices. Although this device
contains circuitry to protect it from damage due to
ESD, precautions should be taken to avoid
exceeding the specified rating.
Latch-Up Avoidance
Unlike conventional CMOS devices, UltraCMOS™
devices are immune to latch-up.
Table 4. DC Electrical Specifications
Pin
No.
Pin
Name
Description
1
RF1
RF1 port (Note 1)
2
GND
Ground connection. Traces should be
physically short and connected to
ground plane for best performance.
3
RF2
RF2 port (Note 1)
4
CTRL
Switch control input, CMOS logic level.
5
RFC
Common RF port for switch (Note 1)
6
CTRL or
VDD
This pin supports two interface options:
Single-pin control mode. A nominal 3-
volt supply connection is required.
Complementary-pin control mode. A
complementary CMOS control signal
to CTRL is supplied to this pin. By-
passing on this pin is not required in
this mode.
Symbol
Parameter/Conditions
Min
Max
Units
VDD
Power supply voltage
-0.3
4.0
V
VI
Voltage on any input
-0.3
VDD+
0.3
V
TST
Storage temperature
range
-65
150
°C
TOP
Operating temperature
range
-40
85
°C
P
IN
Input power (50
Ω)
30
dBm
VESD
ESD voltage (Human
Body Model)
1500
V
Parameter
Min
Typ
Max
Units
VDD Power Supply
Voltage
2.7
3.0
3.3
V
IDD Power Supply Current
(VDD = 3V, VCTRL = 3V)
250
500
nA
Control Voltage High
0.7x VDD
V
Control Voltage Low
0.3x VDD
V
1
2
3
4
5
6
CTRL or V
DD
RFC
CTRL
RF1
GND
RF2
pin 1
Logo updated under non-rev change. Peregrine products are protected under one or more of the following U.S. Patents: http://patents.psemi.com



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com