Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE4250MLI Datasheet(PDF) 2 Page - Peregrine Semiconductor

Part # PE4250MLI
Description  Reflective SPDT RF Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE4250MLI Datasheet(HTML) 2 Page - Peregrine Semiconductor

  PE4250MLI Datasheet HTML 1Page - Peregrine Semiconductor PE4250MLI Datasheet HTML 2Page - Peregrine Semiconductor PE4250MLI Datasheet HTML 3Page - Peregrine Semiconductor PE4250MLI Datasheet HTML 4Page - Peregrine Semiconductor PE4250MLI Datasheet HTML 5Page - Peregrine Semiconductor PE4250MLI Datasheet HTML 6Page - Peregrine Semiconductor PE4250MLI Datasheet HTML 7Page - Peregrine Semiconductor PE4250MLI Datasheet HTML 8Page - Peregrine Semiconductor PE4250MLI Datasheet HTML 9Page - Peregrine Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Product Specification
PE4250
Page 2 of 9
©2008-2009 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0254-02
│ UltraCMOS™ RFIC Solutions
Table 2. Pin Descriptions
Table 4. Absolute Maximum Ratings
Electrostatic Discharge (ESD) Precautions
When handling this UltraCMOS™ device, observe
the same precautions that you would use with
other ESD-sensitive devices. Although this device
contains circuitry to protect it from damage due to
ESD, precautions should be taken to avoid
exceeding the specified rating.
Latch-Up Avoidance
Unlike conventional CMOS devices, UltraCMOS™
devices are immune to latch-up.
Table 3. Operating Ranges
Note 3. All RF pins must be DC blocked with an external
series capacitor or held at 0 VDC.
Figure 3. Pin Configuration (Top View)
Pin
No.
Pin Name
Description
1
V2
This pin supports two interface options:
Single-pin control mode. A nominal 3-volt
or 5-volt supply connection is required.
Complementary-pin control mode. A
complementary CMOS control signal
to V1 is supplied to this pin.
2
V1
Switch control input, CMOS logic level.
3
RFC
RF Common port.3
4
N/C or GND
No Connect or Ground
5
RF13
RF1 port.3
6
GND
Ground Connection. Traces should be
physically short and connected to ground
plane for best performance.
7
GND
Ground Connection. Traces should be
physically short and connected to ground
plane for best performance.
8
RF23
RF2 port.3
Exceeding absolute maximum ratings may cause
permanent damage. Operation should be
restricted to the limits in the Operating Ranges
table. Operation between operating range
maximum and absolute maximum for extended
periods may reduce reliability.
Parameter
Min
Typ
Max
Units
VDD Power Supply Voltage
4
3.0
4.5
3.3
5.0
3.6
5.5
V
V
IDD Power Supply Current
VDD = VCNTL= 3.3V
VDD = VCNTL= 5.0V
55
75
60
80
µA
µA
Control Voltage High
0.8 x VDD
V
Control Voltage Low
0.2 x VDD
V
PIN RF Input Power (50Ω)
27
dBm
TOP Operating temperature
range
-40
25
85
°C
TST Storage temperature range
-65
25
150
°C
Note 4. Customer must choose either 3.3 V or 5.0 V power
supply range
Symbol
Parameter/Conditions
Min
Max
Units
VDD
Power supply voltage
3
5.5
V
VI
Voltage on any control input
-0.3
5.5
V
TST
Storage temperature range
-65
150
°C
PIN
RF Input power (50
Ω)
27
dBm
VESD
ESD voltage (HBM)5
ESD voltage (Machine Model)
4000
250
V
1
2
3
4
8
7
6
5
V2
V1
RFC
N/C or
GND
RF2
GND
GND
RF1
Switching Frequency
The PE4250 has a maximum 25 kHz switching rate.
Moisture Sensitivity Level
The Moisture Sensitivity Level rating for the PE4250
in the 8-lead MSOP package is MSL1.
Note: 5. Human Body Model (HBM, MIL_STD 883 Method 3015.7)
Logo updated under non-rev change. Peregrine products are protected under one or more of the following U.S. Patents: http://patents.psemi.com



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com