Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE4307 Datasheet(PDF) 2 Page - Peregrine Semiconductor

Part # PE4307
Description  75廓 RF Digital Attenuator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE4307 Datasheet(HTML) 2 Page - Peregrine Semiconductor

  PE4307_14 Datasheet HTML 1Page - Peregrine Semiconductor PE4307_14 Datasheet HTML 2Page - Peregrine Semiconductor PE4307_14 Datasheet HTML 3Page - Peregrine Semiconductor PE4307_14 Datasheet HTML 4Page - Peregrine Semiconductor PE4307_14 Datasheet HTML 5Page - Peregrine Semiconductor PE4307_14 Datasheet HTML 6Page - Peregrine Semiconductor PE4307_14 Datasheet HTML 7Page - Peregrine Semiconductor PE4307_14 Datasheet HTML 8Page - Peregrine Semiconductor PE4307_14 Datasheet HTML 9Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Product Specification
PE4307
Page 2 of 11
©2003-2013 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0161-05 │ UltraCMOS® RFIC Solutions
Table 2. Pin Descriptions
Electrostatic Discharge (ESD) Precautions
When handling this UltraCMOS® device, observe the
same precautions that you would use with other
ESD-sensitive devices. Although this device
contains circuitry to protect it from damage due to
ESD, precautions should be taken to avoid
exceeding the rate specified in Table 3.
Exposed Solder Pad Connection
The exposed solder pad on the bottom of the
package must be grounded for proper device
operation.
Notes: 1. Both RF ports must be held at 0 VDC or DC blocked with an external
series capacitor
2. Latch Enable (LE) has an internal 100 kΩ resistor to VDD
3. Connect pin 12 to GND to enable internal negative voltage
generator. Connect pin 12 to VSS (-VDD) to bypass and disable
internal negative voltage generator
4. Place a 10 kΩ resistor in series, as close to pin as possible to avoid
frequency resonance. See “Resistor on 3” paragraph
Figure 15. Pin Configuration (Top View)
Latch-Up Avoidance
Unlike conventional CMOS devices, UltraCMOS®
devices are immune to latch-up.
Switching Frequency
The PE4307 has a maximum 25 kHz switching rate.
1
15
14
13
12
11
2
3
4
5
N/C
RF1
Data
Clock
LE
GND
Vss/GND
P/S
RF2
C8
20-lead
QFN
4x4mm
Exposed Solder Pad
Pin No.
Pin
Name
Description
1
N/C
No connect
2
RF1
RF port (Note 1)
3
Data
Serial interface data input (Note 4)
4
Clock
Serial interface clock input
5
LE
Latch Enable input (Note 2)
6
VDD
Power supply pin
7
N/C
No connect
8
PUP2
Power-up selection bit
9
VDD
Power supply pin
10
GND
Ground connection
11
GND
Ground connection
12
Vss/GND
Negative supply voltage or GND
connection (Note 3)
13
P/S
Parallel/Serial mode select
14
RF2
RF port (Note 1)
15
C8
Attenuation control bit, 8 dB
16
C4
Attenuation control bit, 4 dB
17
C2
Attenuation control bit, 2 dB
18
GND
Ground connection.
19
C1
Attenuation control bit, 1 dB
20
C0.5
Attenuation control bit, 0.5 dB
Paddle
GND
Ground for proper operation
Resistor on Pin 3
A 10 kΩ resistor on the input to Pin 3 (see Figure 5)
will eliminate package resonance between the RF
input pin and the digital input. Specified attenuation
error versus frequency performance is dependent
upon this condition.
Table 3. Absolute Maximum Ratings
Table 4. Operating Ranges
Symbol
Parameter/Condition
Min
Max
Unit
VDD
Power supply voltage
-0.3
4.0
V
VI
Voltage on any input
-0.3
VDD+
0.3
V
TST
Storage temperature range
-65
150
°C
PIN
Input power (50Ω)
+30
dBm
VESD
ESD voltage (Human Body
Model)
500
V
Parameter
Min
Typ
Max
Unit
VDD Power Supply
Voltage
2.7
3.0
3.3
V
IDD Power Supply
Current
100
μ
A
Digital Input High
0.7xVDD
V
Digital Input Low
0.3xVDD
V
Digital Input Leakage
1
μ
A
Input Power
+24
dBm
Temperature range
-40
85
°C
Logo updated under non-rev change. Peregrine products are protected under one or more of the following U.S. Patents: http://patents.psemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com