Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTB20175 Datasheet(PDF) 3 Page - Ericsson

Part # PTB20175
Description  55 Watts, 1.9-2.0 GHz Cellular Radio RF Power Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PTB20175 Datasheet(HTML) 3 Page - Ericsson

  PTB20175 Datasheet HTML 1Page - Ericsson PTB20175 Datasheet HTML 2Page - Ericsson PTB20175 Datasheet HTML 3Page - Ericsson PTB20175 Datasheet HTML 4Page - Ericsson  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PTB 20175
3
e
Typical Performance
Test Circuit
Gain vs. Frequency
(as measured in a broadband circuit)
7.0
7.5
8.0
8.5
9.0
1.90
1.93
1.95
1.98
2.00
Frequency (GHz)
VCC = 26 V
ICQ = 0.150 A
Pout = 15 W
Efficiency vs. Output Power
0
10
20
30
40
50
60
20
25
30
35
40
45
50
55
60
65
Output Power (Watts)
VCC = 26 V
ICQ = 0.150 A
f = 2 GHz
Intermodulation Distortion vs. Power Output
-40
-36
-32
-28
-24
-20
0
1020
30405060
Output Power (Watts-PEP)
VCC = 26 V
ICQ = 0.150 A
f1 = 1.999 GHz
F2 = 2.000 GHz
Artwork (1 inch
)
5/19/98



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com