Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSA05R-050-R Datasheet(PDF) 1 Page - Phihong USA Inc.

Part # PSA05R-050-R
Description  5W Interchangeable Plug Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PSA05R-050-R Datasheet(HTML) 1 Page - Phihong USA Inc.

  PSA05R-050-R Datasheet HTML 1Page - Phihong USA Inc. PSA05R-050-R Datasheet HTML 2Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Revision 11/8/2013
WWW.PHIHONG.COM
5W Interchangeable Plug Series
PSA05R Adapter Meets CEC and EISA Requirements
Features
 Double Insulated
 Low Leakage Current
 Field Changeable AC Plugs
 Low Cost
 Efficiency Level IV Compliance
 Class B EMI
Applications
 MP3 Players
 Personal Electronics
 PDAs
 Digital Cameras
Safety Approvals
 cUL/UL
 CE (9V Model Only)
 SAA
 C-Tick
Mechanical Characteristics
 Length: 71.7mm (2.82in)
 Height: 31mm(1.22in)
 Width: 45mm (1.77in)
 Weight: 120g (4oz)
Output Specifications
Notes: (1) Minimum order quantities of 1600 pieces apply. These units may no longer be shipped to the European Union for
commercial or consumer purposes.
(2) Measured after 10 minutes with by-pass capacitors 0.1uF // 10uF at output connector terminal.
(3) Only level V efficient products qualify for CE marking allowing them to be sold to countries in the EU
Interchangeable clips sold separately.
Phihong is not responsible for any error, and reserves the right to make changes without notice. Please visit our website at www.phihong.com for the
most up-to-date specifications and contact information.
Model
(1)
DC Output
Voltage
Load
Ripple
(2)
Regulation
Efficiency
Min.
Max.
P-P (max.)
Line
Load
Level
(3)
PSA05R-033-R
3.3V
0A
1.2A
50mV
±1%
±5%
115V AC
PSA05R-050-R
5V
0A
1.0A
50mV
±1%
±5%
PSA05R-090-R
9V
0A
0.56A
90mV
±1%
±5%
PSA05R-120-R
12V
0A
0.42A
120mV
±1%
±5%


Similar Part No. - PSA05R-050-R

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSA05R-050 PHIHONG-PSA05R-050 Datasheet
160Kb / 2P
5W Interchangeable Plug Series
More results

Similar Description - PSA05R-050-R

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSA05R-033 PHIHONG-PSA05R-033 Datasheet
160Kb / 2P
5W Interchangeable Plug Series
PSA11R-033 PHIHONG-PSA11R-033 Datasheet
89Kb / 2P
10W Interchangeable Plug Series
PSB05R-050Q PHIHONG-PSB05R-050Q Datasheet
129Kb / 2P
5W USB Adapter with Interchangeable Plugs
PSM08R-050 PHIHONG-PSM08R-050 Datasheet
98Kb / 2P
8W Interchangeable Plug Series
PSM11R-050 PHIHONG-PSM11R-050 Datasheet
106Kb / 2P
10W Interchangeable Plug Series
PSAC05R-050 PHIHONG-PSAC05R-050 Datasheet
138Kb / 3P
5W Interchangeable Plug Series
PSAA30R-120 PHIHONG-PSAA30R-120_18 Datasheet
286Kb / 3P
30W Interchangeable Plug Series
PSAC12R-050 PHIHONG-PSAC12R-050 Datasheet
141Kb / 3P
12 Watt Interchangeable Plug Series
PSAI05R-050QL6 PHIHONG-PSAI05R-050QL6 Datasheet
252Kb / 3P
5W USB Interchangeable Plug Adapter
logo
MORNSUN Science& Techno...
MU00505HA MORNSUN-MU00505HA Datasheet
455Kb / 5P
5W AC/DC interchangeable Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com