Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSA05R-090-R Datasheet(PDF) 2 Page - Phihong USA Inc.

Part # PSA05R-090-R
Description  5W Interchangeable Plug Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PSA05R-090-R Datasheet(HTML) 2 Page - Phihong USA Inc.

  PSA05R-090-R Datasheet HTML 1Page - Phihong USA Inc. PSA05R-090-R Datasheet HTML 2Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
[Type text]
PSA05R Characteristics
WWW.PHIHONG.COM
Input:
AC Input Voltage Rating
100 to 240V AC
AC Input Voltage Range
90 to 264V AC
AC Input Frequency
47 to 63Hz
Input Current
0.25A (RMS) maximum at 120V AC
0.125A (RMS) maximum at 240V AC
Leakage Current
<0.25mA maximum at 254V AC
Inrush Current
30A for 120V AC at maximum load
60A for 240V AC at maximum load
(Cold start at ambient 25°C)
Input Power Saving
0.3W maximum for 9V model
0.5W maximum for 3.3V, 5V and 12V models
Output:
Efficiency
≥70% average efficiency for 9V model
≥64.5% average efficiency for 5V and 12V models
≥62.4% average efficiency at 115V AC, ≥61.4% average
efficiency at 230V AC for 3.3V model
Environmental:
Temperature
Operation
0 to +40°C
Non-operation
-25 to +85°C
Humidity
10 to 90%
EMI
FCC Class B
EN55022 Class B
Immunity
EN61000-4-2
Level 3
EN61000-4-3
Level 2
EN61000-4-4
Level 2
EN61000-4-5
Level 3
EN61000-4-6
Level 3
EN61000-4-11
Harmonic
EN61000-3-2
Flicker
EN61000-3-3
Hold-up Time
10mS minimum at 120V AC and maximum load
Over-Voltage Protection
< 120%, Zener Clamp
Short-Circuit Protection
>120% auto restart
MTBF
150K hours minimum at full load and 110V AC, 60Hz
(measured at ambient 25°C)
Dielectric Withstand (Hi-pot) Test
Input to Output: 3000V AC for 1 min., 10mA
DC Output Connector
2.1 x 5.5 x 9.5mm Center Positive Barrel Standard
AC Input Clips (Sold Separately)
RPA: US
RPI: India
RPB: Brazil
RPK: UK
RPC: China
RPN: Argentina
RPE: Europe
RPS: Australia
RPH: Korea
RPX: IEC320 C8
Dimension Diagram Unit: mm (inch)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com