Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAA2000G Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAAA2000G
Description  GaAs MMIC Voltage Variable Absorptive Attenuator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAA2000G Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAAA2000G Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAA2000G Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAA2000G Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
GaAs MMIC Voltage Variable Absorptive Attenuator
DC - 12 GHz
Rev. V4
MAAA2000G
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Typical Performance Curves @ 25°C
Insertion Loss
Isolation
VSWR
Attenuation @ 12 GHz
Attenuation @ 2 GHz
Absolute Maximum Ratings
3,4
Parameter
Absolute Maximum
Control Voltage
-8.5 VDC
Input RF Power
(500 MHz - 12 GHz)
+34 dBm
Storage Temperature
-65°C to +175°C
Operating Temperature
+175°C
3. Exceeding any one or combination of these limits may cause
permanent damage to this device.
4. M/A-COM Technology Solutions does not recommend
sustained operation near these survivability limits.
0.0
0.5
1.0
1.5
2.0
02
468
10
12
Frequency (GHz)
5
15
25
35
45
55
02
468
10
12
Frequency (GHz)
1.0
1.2
1.4
1.6
1.8
02
468
10
12
Frequency (GHz)
0
10
20
30
40
50
-5
-4
-3
-2
-1
0
VB Series
VA Shunt
Matched Attn. below 23.5 dB
Gate Voltage
0
2
4
6
8
10
12
14
-5
-4
-3
-2
-1
0
VB Series
VA Shunt
Gate Voltage



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com