Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT232RQ Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # FT232RQ
Description  Future Technology Devices International Ltd.
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT232RQ Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button FT232RQ Datasheet HTML 17Page - List of Unclassifed Manufacturers FT232RQ Datasheet HTML 18Page - List of Unclassifed Manufacturers FT232RQ Datasheet HTML 19Page - List of Unclassifed Manufacturers FT232RQ Datasheet HTML 20Page - List of Unclassifed Manufacturers FT232RQ Datasheet HTML 21Page - List of Unclassifed Manufacturers FT232RQ Datasheet HTML 22Page - List of Unclassifed Manufacturers FT232RQ Datasheet HTML 23Page - List of Unclassifed Manufacturers FT232RQ Datasheet HTML 24Page - List of Unclassifed Manufacturers FT232RQ Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
Copyright © 2010 Future Technology Devices International Limited
21
Document No.: FT_000053
FT232R USB UART IC Datasheet Version 2.10
Clearance No.: FTDI# 38
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
UVoh
I/O Pins Static Output
(High)
2.8
3.6
V
RI = 1.5kΩ to
3V3OUT (D+) RI =
15KΩ to GND (D-)
UVol
I/O Pins Static Output
(Low)
0
0.3
V
RI = 1.5kΩ to
3V3OUT (D+) RI =
15kΩ to GND (D-)
UVse
Single Ended Rx
Threshold
0.8
2.0
V
UCom
Differential Common
Mode
0.8
2.5
V
UVDif
Differential Input
Sensitivity
0.2
V
UDrvZ
Driver Output
Impedance
26
29
44
Ohms
See Note 1
Table 5.12 USB I/O Pin (USBDP, USBDM) Characteristics
5.3 EEPROM Reliability Characteristics
The internal 1024 Bit EEPROM has the following reliability characteristics:
Parameter
Value
Unit
Data Retention
10
Years
Read / Write Cycle
10,000
Cycles
Table 5.13 EEPROM Characteristics
5.4 Internal Clock Characteristics
The internal Clock Oscillator has the following characteristics:
Parameter
Value
Unit
Minimum
Typical
Maximum
Frequency of Operation
(see Note 1)
11.98
12.00
12.02
MHz
Clock Period
83.19
83.33
83.47
ns
Duty Cycle
45
50
55
%
Table 5.14 Internal Clock Characteristics
Note 1: Equivalent to +/-1667ppm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com