Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TO-252 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # TO-252
Description  TO-252 (DPAK) SMD Plastic Package
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

TO-252 Datasheet(HTML) 2 Page - Continental Device India Limited

  TO-252 Datasheet HTML 1Page - Continental Device India Limited TO-252 Datasheet HTML 2Page - Continental Device India Limited TO-252 Datasheet HTML 3Page - Continental Device India Limited TO-252 Datasheet HTML 4Page - Continental Device India Limited TO-252 Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1. Emitter
2. Collector
3. Base
DIM
Min
Max
DIM
Min
Max
A
2.20
2.40
D1
5.20
5.40
BP
1.30
1.50
E
5.40
5.60
B1
0.55
0.65
E1
2.25
2.35
B2
0.75
0.85
E2
4.50
4.70
B3
0.46
0.58
L1
9.25
9.75
C
0.46
0.58
L2
0.50
D
0.40
6.60
L3
0.90
1.1
TO252_Pkg_Drawing Rev031105
TO-252 (DPAK) SMD Plastic Package
All Dimensions are in mm
Continental Device India Limited
Data Sheet
Page 2 of 5
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com