Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TO-220AC Datasheet(PDF) 3 Page - Continental Device India Limited

Part # TO-220AC
Description  TO-220AC (2 Lead) Leaded Plastic Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

TO-220AC Datasheet(HTML) 3 Page - Continental Device India Limited

  TO-220AC Datasheet HTML 1Page - Continental Device India Limited TO-220AC Datasheet HTML 2Page - Continental Device India Limited TO-220AC Datasheet HTML 3Page - Continental Device India Limited TO-220AC Datasheet HTML 4Page - Continental Device India Limited TO-220AC Datasheet HTML 5Page - Continental Device India Limited TO-220AC Datasheet HTML 6Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TO-220AC Package and Packaging
All Dimensions are in mm
Packaging Information
Package/
Packaging Type Std. Packing
Case Type
Qty
Qty
Size L x W x H
Gross Weight Qty
Size L x W x H Gross Weight
(cm)
(Kg)
(cm)
(Kg)
Bulk
1,000
1K
19 x 19 x 8
2
10K
46 x 38 x 22
21.6
Tube
1000
(50 pcs/tube)
1K
55 x 8 x 10
2.80
10K
55 x 35 x 27
28.3
Bulk: Loose in poly bags
Tube: Tube and Ammo Pack
TO220AC_Pkg_Drawing Rev271005
All Dimensions are in mm
Inner Carton
Outer Carton
TO-220
Ammo Packaging for Tubes
TO-220AC Packaging Tube
Continental Device India Limited
Data Sheet
Page 3 of
6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com