Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL431 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # TL431
Description  PROGRAMMABLE SHUNT REGULATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

TL431 Datasheet(HTML) 1 Page - Continental Device India Limited

  TL431 Datasheet HTML 1Page - Continental Device India Limited TL431 Datasheet HTML 2Page - Continental Device India Limited TL431 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Continental Device India Limited
An ISO/TS 16949 and ISO 9001 Certified Company
PROGRAMMABLE SHUNT REGULATOR
TL431
TO-92
Plastic Package
Three Terminal Adjustable Regulator series with a Guaranteed Thermal Stability over Applicable Temperature
Ranges
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC)
DESCRIPTION
MAX
UNITS
Cathode Voltage
37
V
Cathode Current Range Continuous
150
mA
Reference Input Current Range
10
mA
Power Dissipation
700
mW
Operating Temperature Range
70
ºC
Storage Temperature Range
150
ºC
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
CHARACTERISTICS
SYMBOL
TEST CONDITION
MIN
MAX
UNIT
Reference Input Voltage
VREF
VKA=VREF, IKA=10mA
TL431
2.44
2.55
V
TL431A
2.44
2.48
V
TL431B
2.47
2.53
V
TL431C
2.52
2.55
V
Reference Input Current
IREF
IKA = 10mA, R1=10ΚΩ,
R2
= ∞
4.0
µA
Minimum Cathode Current for Regulation
IKA (MIN)
VKA=VREF
1.0
mA
Off Stage Cathode Current
IKA (OFF)
VKA=36V, VREF=0
1.0
µA
TL431Rev080406E
-65
SYMBOL
VKA
IKA
IREF
Tstg
TOPR
0
PD
MIN
-100
0.05


Similar Part No. - TL431

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TL431 MOTOROLA-TL431 Datasheet
258Kb / 16P
PROGRAMMABLE PRECISION REFERENCES
logo
ON Semiconductor
TL431 ONSEMI-TL431 Datasheet
173Kb / 18P
PROGRAMMABLE PRECISION REFERENCES
April, 2012 ??Rev. 34
logo
STMicroelectronics
TL431 STMICROELECTRONICS-TL431 Datasheet
152Kb / 10P
PROGRAMMABLE VOLTAGE REFERENCE
Mar-2002
logo
Texas Instruments
TL431 TI-TL431 Datasheet
795Kb / 41P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Fairchild Semiconductor
TL431 FAIRCHILD-TL431 Datasheet
87Kb / 10P
Programmable Shunt Regulator
More results

Similar Description - TL431

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA431 FAIRCHILD-KA431 Datasheet
90Kb / 12P
Programmable Shunt Regulator
LM431A FAIRCHILD-LM431A Datasheet
122Kb / 12P
Programmable Shunt Regulator
TL431 FAIRCHILD-TL431 Datasheet
87Kb / 10P
Programmable Shunt Regulator
LM336-2.5 FAIRCHILD-LM336-2.5 Datasheet
60Kb / 6P
Programmable Shunt Regulator
LM336Z25 FAIRCHILD-LM336Z25 Datasheet
178Kb / 6P
Programmable Shunt Regulator
LM336-5.0 FAIRCHILD-LM336-5.0 Datasheet
64Kb / 6P
Programmable Shunt Regulator
LM336Z5 FAIRCHILD-LM336Z5 Datasheet
157Kb / 6P
Programmable Shunt Regulator
LM431BIZX FAIRCHILD-LM431BIZX Datasheet
230Kb / 11P
Programmable Shunt Regulator
LM431ACZX FAIRCHILD-LM431ACZX Datasheet
230Kb / 11P
Programmable Shunt Regulator
logo
ON Semiconductor
KA431S ONSEMI-KA431S Datasheet
457Kb / 11P
Programmable Shunt Regulator
March 2015 Rev. 6.7
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com