Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP145 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # TIP145
Description  SILICON PLANAR DARLINGTON POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

TIP145 Datasheet(HTML) 1 Page - Continental Device India Limited

  TIP145 Datasheet HTML 1Page - Continental Device India Limited TIP145 Datasheet HTML 2Page - Continental Device India Limited TIP145 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SILICON PLANAR DARLINGTON POWER TRANSISTORS
TIP140, 141, 142 NPN
TIP145, 146, 147 PNP
TO- 3PN Non Isolated
Plastic Package
Designed for General Purpose Amplifier and Low Frequency Switching Applications
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
UNIT
TIP145
TIP146
TIP147
Collector Base Voltage
VCBO
60
80
100
V
Collector Emitter Voltage
VCEO
V
Emitter Base Voltage
VEB0
V
Collector Current Continuous
IC
A
Collector Current Peak
*ICM
A
Base Current Continuous
IB
A
Total Power Dissipation at Tc = 25ºC
PD
W
Operating and Storage Junction
Temperature Range
Tj, Tstg
ºC
*5ms < 10% Duty Cycle
THERMAL RESISTANCE
From Junction to case
Rth (j-c)
ºC/W
From Junction to Ambient in free air
Rth (j-a)
ºC/W
ELECTRICAL CHARACTERISTICS (Tc=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Emitter Sustaining Voltage
**VCEO (sus)
IC =30mA, IB=0
TIP140/145
60
V
TIP141/146
80
V
TIP142/147
100
V
Collector Cutoff Current
ICEO
VCE =1/2 rated VCEO, IB=0
2.0
mA
Collector Cutoff Current
ICBO
VCB =Rated VCBO, IE=0
1.0
mA
Emitter Cutoff Current
IEBO
VEB =5.0 V, IC=0
2.0
mA
DC Current Gain
**hFE
IC =5A, VCE =4V
1000
IC =10A, VCE =4 V
500
Collector Emitter Saturation Voltage
**VCE (sat)
IC =5A, IB=10mA
2.0
V
IC =10A, IB =40mA
3.0
V
Base Emitter Saturation Voltage
**VBE (sat)
IC =10A, IB =40mA
3.5
V
Base Emitter On Voltage
**VBE (on)
IC =10A, VCE =4 V
3.0
V
SWITCHING TIME
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Delay Time
td
0.15
µs
Rise Time
tr
0.55
µs
Storage Time
ts
2.5
µs
Fall Time
tf
2.5
µs
**Pulsed test : Pulse witdh = 300
µµs, duty cycle < 2%
TIP140_147 Rev190706E
TIP140
TIP141
TIP142
125
15
60
80
100
5.0
10
0.5
- 65 to +150
1.0
35.7
VCC=30V, IC=5A, IB=20mA,
Duty Cycle < 2%, IB1=IB2, RC &
RB varied Tj=25ºC
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - TIP145

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP145 MOSPEC-TIP145 Datasheet
204Kb / 4P
POWER TRANSISTORS(10A,60-100V,125W)
logo
Motorola, Inc
TIP145 MOTOROLA-TIP145 Datasheet
234Kb / 6P
10 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP145 ONSEMI-TIP145 Datasheet
217Kb / 6P
DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1996 REV 1
logo
Power Innovations Ltd
TIP145 POINN-TIP145 Datasheet
114Kb / 6P
PNP SILICON POWER DARLINGTONS
logo
STMicroelectronics
TIP145 STMICROELECTRONICS-TIP145 Datasheet
48Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Mar-2000
More results

Similar Description - TIP145

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CJF100 CDIL-CJF100 Datasheet
298Kb / 4P
SILICON PLANAR POWER DARLINGTON TRANSISTORS
CJF122 CDIL-CJF122 Datasheet
203Kb / 4P
SILICON PLANAR DARLINGTON POWER TRANSISTORS
logo
TRANSYS Electronics Lim...
TIP140F TEL-TIP140F Datasheet
60Kb / 2P
SILICON PLANAR DARLINGTON POWER TRANSISTORS
TIP142T TEL-TIP142T Datasheet
161Kb / 2P
SILICON PLANAR POWER DARLINGTON TRANSISTORS
logo
SEMTECH ELECTRONICS LTD...
STBDW42 SEMTECH_ELEC-STBDW42 Datasheet
229Kb / 3P
NPN Silicon Planar Darlington Power Transistors
logo
Comset Semiconductor
BDX45 COMSET-BDX45 Datasheet
223Kb / 3P
SILICON PLANAR DARLINGTON TRANSISTORS
BDX42 COMSET-BDX42_12 Datasheet
66Kb / 3P
SILICON PLANAR DARLINGTON TRANSISTORS
logo
Continental Device Indi...
TIP142T CDIL-TIP142T Datasheet
415Kb / 3P
SILICON PLANAR POWER DARLINGTON TRANSISTORS
MJ11015 CDIL-MJ11015 Datasheet
176Kb / 3P
SILICON PLANAR DARLINGTON POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
BDX42 NJSEMI-BDX42 Datasheet
119Kb / 3P
SILICON PLANAR DARLINGTON TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com