Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP48 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # TIP48
Description  NPN PLASTIC POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

TIP48 Datasheet(HTML) 1 Page - Continental Device India Limited

  TIP48 Datasheet HTML 1Page - Continental Device India Limited TIP48 Datasheet HTML 2Page - Continental Device India Limited TIP48 Datasheet HTML 3Page - Continental Device India Limited TIP48 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NPN PLASTIC POWER TRANSISTORS
TIP47, TIP48
TIP49, TIP50
TO-220
Plastic Package
Line Operated Audio Output Amplifier, Switch Mode Power Supply Driver and
General Purpose Switching Applications
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC)
DESCRIPTION
SYMBOL
TIP47
TIP48
UNIT
Collector Emitter Voltage
VCEO
250
300
V
Collector Base Voltage
VCBO
350
400
V
Emitter Base Voltage
VEBO
V
Collector Current Continuous
IC
A
Collector Current Peak
ICM
A
Base Current
IB
A
Power Dissipation upto Tc=25ºC
PD
W
Power Dissipation upto Ta=25ºC
PD
W
Derate above 25ºC
mW/ºC
ºC
THERMAL RESISTANCE
Junction to Case
Rth (j-c)
ºC/W
Junction to Ambient in free air
Rth (j-a)
ºC/W
ELECTRICAL CHARACTERISTICS (Tc=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Emitter (sus) Voltage
*VCEO(sus)
IC=30mA, IB=0
TIP47
250
V
TIP48
300
V
TIP49
350
V
TIP50
400
V
Collector Cut off Current
ICEO
VCE=150V, IB=0
TIP47
1.0
mA
VCE=200V, IB=0
TIP48
1.0
mA
VCE=250V, IB=0
TIP49
1.0
mA
VCE=300V, IB=0
TIP50
1.0
mA
Collector Cut off Current
ICES
VCE = VCB(max), VBE=0
1.0
mA
Emitter Cut off Current
IEBO
VBE=5V, IC=0
1.0
mA
DC Current Gain
*hFE
IC=0.3A, VCE=10V
30
150
IC=1A, VCE=10V
10
Base Emitter on Voltage
*VBE(on)
IC=1A, VCE=10V
1.5
V
*Pulse Test : Pulse width <300
µµs, Duty Cycle <2%
V
Operating and Storage
Junction Temperature
Tj , Tstg
IC=1A, IB=0.2A
1.0
*VCE (sat)
Collector Emitter Saturation
Voltage
TIP49
TIP50
350
400
450
500
5.0
1.0
2.0
0.6
40
2.0
3.125
62.5
16
- 65 to +150
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - TIP48

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP48 MOSPEC-TIP48 Datasheet
130Kb / 3P
POWER TRANSISTORS(1.0A,250-400V,40W)
logo
Motorola, Inc
TIP48 MOTOROLA-TIP48 Datasheet
199Kb / 6P
POWER TRANSISTORS NPN SILICON
logo
ON Semiconductor
TIP48 ONSEMI-TIP48 Datasheet
199Kb / 6P
POWER TRANSISTORS NPN SILICON
1995 REV 1
logo
Power Innovations Ltd
TIP48 POINN-TIP48 Datasheet
119Kb / 7P
NPN SILICON POWER TRANSISTORS
logo
STMicroelectronics
TIP48 STMICROELECTRONICS-TIP48 Datasheet
49Kb / 4P
SILICON NPN SWITCHING TRANSISTORS
Oct-1999
More results

Similar Description - TIP48

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
BDX53 TEL-BDX53 Datasheet
49Kb / 2P
NPN PLASTIC POWER TRANSISTORS
TIP47 TEL-TIP47 Datasheet
80Kb / 3P
NPN PLASTIC POWER TRANSISTORS
logo
Continental Device Indi...
CSC2690 CDIL-CSC2690 Datasheet
440Kb / 3P
NPN PLASTIC POWER TRANSISTORS
2N5294 CDIL-2N5294 Datasheet
349Kb / 4P
NPN PLASTIC POWER TRANSISTORS
MJE13006 CDIL-MJE13006 Datasheet
336Kb / 4P
NPN PLASTIC POWER TRANSISTORS
MJE13004 CDIL-MJE13004 Datasheet
279Kb / 4P
NPN PLASTIC POWER TRANSISTORS
BUX84 CDIL-BUX84 Datasheet
77Kb / 3P
NPN PLASTIC POWER TRANSISTORS
BU406 CDIL-BU406 Datasheet
366Kb / 4P
NPN PLASTIC POWER TRANSISTORS
BF469 CDIL-BF469 Datasheet
118Kb / 3P
NPN PLASTIC POWER TRANSISTORS
BF457 CDIL-BF457 Datasheet
118Kb / 4P
NPN PLASTIC POWER TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com