Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP34 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # TIP34
Description  HIGH POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

TIP34 Datasheet(HTML) 1 Page - Continental Device India Limited

  TIP34 Datasheet HTML 1Page - Continental Device India Limited TIP34 Datasheet HTML 2Page - Continental Device India Limited TIP34 Datasheet HTML 3Page - Continental Device India Limited TIP34 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HIGH POWER TRANSISTORS
TIP33, A, B, C NPN
TIP34, A, B, C PNP
TO- 3PN Non Isolated
Plastic Package
For General Purpose Power Amplifier and Switching Applications.
ABSOLUTE MAXIMUM RATINGS
TIP33
TIP33A
TIP33B
TIP33C
TIP34
TIP34A
TIP34B
TIP34C
Collector Emitter Voltage
VCEO
40
60
80
V
Collector Base Voltage
VCBO
40
60
80
V
Emitter Base Voltage
VEBO
V
Collector Current Continuous
IC
A
Collector Current Peak
*ICM
A
Base Current Continuous
IB
A
Total Power Dissipation at Tc=25ºC
PD
W
Derate Above 25ºC
W/ºC
Operating and Storage Junction
Temperature Range
Tj, Tstg
ºC
*Pulse test: Pulse width = 10ms , Duty cycle <10%
THERMAL CHARACTERISTICS
Thermal Resistance, Junction to Case
Rth (j-c)
ºC/W
junction to Free Air Thermal Resistance
Rth (j-a)
ºC/W
ELECTRICAL CHARACTERISTICS (Tc=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Emitter Sustaining Voltage
**VCEO (sus)
IC=30mA, IB=0
TIP33/TIP34
40
V
TIP33A/TIP34A
60
V
TIP33B/TIP34B
80
V
TIP33C/TIP34C
100
V
Collector Emitter Cut Off Current
ICEO
VCE=30V, IB=0
TIP33/A, TIP34/A
0.7
mA
VCE=60V, IB=0
TIP33B/C, TIP34B/C
0.7
mA
Collector Emitter Cut Off Current
ICES
VCE=Rated VCEO, VEB=0
0.4
mA
Emitter Base Cut Off Current
IEBO
VEB=5V, IC=0
1.0
mA
DC Current Gain
**hFE
IC=1A, VCE=4V
40
IC=3A, VCE=4V
20
100
Collector Emitter Saturation Voltage
**VCE (sat)
IC=3A, IB=0.3A
1.0
V
IC=10A, IB=2.5A
4.0
V
Base Emitter On Voltage
**VBE (on)
IC=3A, VCE=4V
1.6
V
IC=10A, VCE=4V
3.0
V
**Pulse test: Pulse width 300
µµs, Duty cycle <2%
TIP33_34Rev110706E
3.0
UNIT
DESCRIPTION
SYMBOL
100
100
5.0
10
15
1.56
35.7
80
0.64
- 65 to +150
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - TIP34

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP34 MOSPEC-TIP34 Datasheet
144Kb / 3P
POWER TRANSISTORS(10A,40-100V,80W)
logo
Power Innovations Ltd
TIP34 POINN-TIP34 Datasheet
91Kb / 6P
PNP SILICON POWER TRANSISTORS
logo
Savantic, Inc.
TIP34 SAVANTIC-TIP34 Datasheet
138Kb / 3P
Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
TIP34 ISC-TIP34 Datasheet
134Kb / 3P
Silicon PNP Power Transistors
logo
Comset Semiconductor
TIP34 COMSET-TIP34 Datasheet
81Kb / 4P
SILICON POWER TRANSISTORS
More results

Similar Description - TIP34

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
BU126 BOCA-BU126 Datasheet
121Kb / 3P
HIGH VOLTAGE POWER TRANSISTORS
logo
ON Semiconductor
MJD47 ONSEMI-MJD47_11 Datasheet
115Kb / 5P
High Voltage Power Transistors
January, 2011 ??Rev. 10
MJE4343 ONSEMI-MJE4343_06 Datasheet
147Kb / 7P
High?뭋oltage  High Power Transistors
March, 2006 ??Rev. 4
logo
Unisonic Technologies
TIP35C UTC-TIP35C Datasheet
93Kb / 2P
HIGH POWER TRANSISTORS
TIP36C UTC-TIP36C Datasheet
93Kb / 2P
HIGH POWER TRANSISTORS
logo
Comset Semiconductor
2N3442 COMSET-2N3442_12 Datasheet
80Kb / 3P
HIGH POWER INDUSTRIAL TRANSISTORS
logo
ON Semiconductor
MJE4343G ONSEMI-MJE4343G Datasheet
138Kb / 8P
High-Voltage - High Power Transistors
May, 2012 ??Rev. 5
logo
Unisonic Technologies
TIP35C UTC-TIP35C_15 Datasheet
143Kb / 4P
HIGH POWER TRANSISTORS
TIP36C UTC-TIP36C_15 Datasheet
176Kb / 4P
HIGH POWER TRANSISTORS
logo
ON Semiconductor
MJD340 ONSEMI-MJD340_16 Datasheet
93Kb / 6P
High Voltage Power Transistors
June, 2016 ??Rev. 12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com