Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP32 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # TIP32
Description  PLASTIC POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

TIP32 Datasheet(HTML) 2 Page - Continental Device India Limited

  TIP32 Datasheet HTML 1Page - Continental Device India Limited TIP32 Datasheet HTML 2Page - Continental Device India Limited TIP32 Datasheet HTML 3Page - Continental Device India Limited TIP32 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PLASTIC POWER TRANSISTORS
TIP31, A, B, C NPN
TIP32, A, B, C PNP
TO-220
Plastic Package
ELECTRICAL CHARACTERISTICS (Tc=25ºC unless specified otherwise )
Collector Emitter (sus) Voltage
*VCEO(sus)
IC=30mA, IB=0
TIP31/32
40
V
TIP31A/32A
60
V
TIP31B/32B
80
V
TIP31C/32C
100
V
Collector Cut off Current
ICEO
VCE=30V, IB=0
TIP31, A / 32, A
0.3
mA
VCE=60V, IB=0
TIP31B, C / 32B, C
0.3
mA
Collector Cut off Current
ICES
VCE=VCEO(max), VBE=0
0.2
mA
Emitter Cut off Current
IEBO
VEB=5V, IC=0
1.0
mA
DC Current Gain
*hFE
IC=1A, VCE=4V
25
IC=3A, VCE=4V
10
50
Base Emitter on Voltage
*VBE(on)
IC=3A, VCE=4V
1.8
V
*Pulse Test : Pulse width <300
µµs, Duty Cycle <2%
DYNAMIC CHARACTERISTIC
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
MAX
UNIT
Small Signal Current Gain
hfe
IC=0.5A, VCE=10V, f=1KHz
20
Transition Frequency
fT
IC=0.5A, VCE=10V, f=1MHz
3
MHz
*VCE(sat)
1.2
V
TEST CONDITION
MIN
UNIT
Collector Emitter Saturation
Voltage
SYMBOL
DESCRIPTION
IC=3A, IB=375mA
MAX
Continental Device India Limited
Data Sheet
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com