Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP35AFNPN Datasheet(PDF) 1 Page - Continental Device India Limited

Part # TIP35AFNPN
Description  POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

TIP35AFNPN Datasheet(HTML) 1 Page - Continental Device India Limited

  TIP35AFNPN Datasheet HTML 1Page - Continental Device India Limited TIP35AFNPN Datasheet HTML 2Page - Continental Device India Limited TIP35AFNPN Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
POWER TRANSISTORS
TIP35F, AF, BF, CF NPN
TIP36F, AF, BF, CF PNP
TO- 3PF Fully Isolated
Plastic Package
For General Purpose Power Amplifier and Switching Applications.
ABSOLUTE MAXIMUM RATINGS
TIP35F
TIP35AF
TIP35BF
TIP35CF
TIP36F
TIP36AF
TIP36BF
TIP36CF
Collector Emitter Voltage
VCEO
40
60
80
V
Collector Base Voltage
VCBO
40
60
80
V
Emitter Base Voltage
VEBO
V
Collector Current Continuous
IC
A
Collector Current Peak
ICM
A
Base Current Continuous
IB
A
Collector Power Dissipation at Tc=25ºC
PC
W
Operating and Storage Junction
Temperature Range
Tj, Tstg
ºC
THERMAL CHARACTERISTICS
Thermal Resistance, Junction to Case
Rth (j-c)
ºC/W
ELECTRICAL CHARACTERISTICS (Tj=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Emitter Sustaining Voltage
*VCEO (sus)
IC=30mA, IB=0
TIP35F/TIP36F
40
V
TIP35AF/TIP36AF
60
V
TIP35BF/TIP36BF
80
V
TIP35CF/TIP36CF
100
V
Collector Emitter Cut Off Current
ICEO
VCE=30V, IB=0
TIP35AF/TIP36AF
1.0
mA
VCE=60V, IB=0
TIP35BF/CF, TIP36BF/CF
1.0
mA
Collector Emitter Cut Off Current
ICES
VCE=Rated VCEO, VEB=0
0.7
mA
Emitter Base Cut Off Current
IEBO
VEB=5V, IC=0
1.0
mA
DC Current Gain
*hFE
IC=1.5A, VCE=4V
25
IC=15A, VCE=4V
15
75
Collector Emitter Saturation Voltage
*VCE (sat)
IC=15A, IB=1.5A
1.8
V
IC=25A, IB=5A
4.0
V
Base Emitter On Voltage
*VBE (on)
IC=15A, VCE=4V
2.0
V
IC=25A, VCE=4V
4.0
V
Transition Frequency
f T
IC=1A, VCE=10V
3.0
MHz
*Pulse test: Pulse width 300
µµs, Duty cycle <2%
TIP35F_36FRev041007E
UNIT
DESCRIPTION
SYMBOL
100
100
5.0
25
40
1.0
125
- 65 to +150
5.0
B
C
E
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - TIP35AFNPN

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
TIP35AF ISC-TIP35AF Datasheet
267Kb / 2P
isc Silicon NPN Power Transistor
More results

Similar Description - TIP35AFNPN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJE18004D2 ONSEMI-MJE18004D2 Datasheet
466Kb / 12P
POWER TRANSISTORS
1995
MJE18204 ONSEMI-MJE18204 Datasheet
484Kb / 12P
POWER TRANSISTORS
1995
MJW16206 ONSEMI-MJW16206 Datasheet
306Kb / 10P
POWER TRANSISTORS
REV 3
logo
STMicroelectronics
SD56120 STMICROELECTRONICS-SD56120 Datasheet
43Kb / 4P
RF POWER TRANSISTORS RF POWER TRANSISTORS
Nov-1999
TIP31C STMICROELECTRONICS-TIP31C_06 Datasheet
136Kb / 10P
Power transistors
20-Apr-2006
logo
New Jersey Semi-Conduct...
2N1047 NJSEMI-2N1047 Datasheet
120Kb / 1P
POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N6543 JMNIC-2N6543 Datasheet
141Kb / 1P
Power Transistors
2SC3694_2014 JMNIC-2SC3694_2014 Datasheet
33Kb / 1P
Power Transistors
2SC3710_2014 JMNIC-2SC3710_2014 Datasheet
35Kb / 1P
Power Transistors
logo
Unisonic Technologies
UP2518 UTC-UP2518_15 Datasheet
114Kb / 3P
POWER TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com