Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP30C Datasheet(PDF) 2 Page - Continental Device India Limited

Part # TIP30C
Description  PLASTIC POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

TIP30C Datasheet(HTML) 2 Page - Continental Device India Limited

  TIP30C Datasheet HTML 1Page - Continental Device India Limited TIP30C Datasheet HTML 2Page - Continental Device India Limited TIP30C Datasheet HTML 3Page - Continental Device India Limited TIP30C Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PLASTIC POWER TRANSISTORS
TIP29, A, B, C NPN
TIP30, A, B, C PNP
TO-220
Plastic Package
ELECTRICAL CHARACTERISTICS (Tc=25ºC unless specified otherwise )
Collector Emitter Voltage
*VCEO(sus)
IC=30mA, IB=0
TIP29/30
40
V
TIP29A/30A
60
V
TIP29B/30B
80
V
TIP29C/30C
100
V
Collector Cut off Current
ICEO
VCE=30V, IB=0
TIP29, A / 30, A
0.3
mA
VCE=60V, IB=0
TIP29B, C / 30B, C
0.3
mA
Collector Cut off Current
ICES
VCE=VCEO(max), VBE=0
0.2
mA
Emitter Cut off Current
IEBO
VEB=5V, IC=0
1.0
mA
DC Current Gain
*hFE
IC=0.2A, VCE=4V
40
IC=1A, VCE=4V
15
75
Base Emitter on Voltage
*VBE(on)
IC=1A, VCE=4V
1.3
V
*Pulse Test : Pulse width <300
µµs, Duty Cycle <2%
DYNAMIC CHARACTERISTIC
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
MAX
UNIT
Small Signal Current Gain
hfe
IC=0.2A, VCE=10V, f=1KHz
20
Transition Frequency
fT
IC=0.2A, VCE=10V, f=1MHz
3
MHz
SWITCHING CHARACTERISTICS
DESCRIPTION
SYMBOL
TEST CONDITION
UNIT
Turn On Time
ton
µs
Turn Off Time
toff
µs
*VCE (sat)
0.7
V
TEST CONDITION
MIN
UNIT
Collector Emitter Saturation
Voltage
SYMBOL
IC=1A, IB=125mA
MAX
DESCRIPTION
Vcc=30V, Ic=2A, IB1=IB2=0.2A
TYP
0.43
1.0
Continental Device India Limited
Data Sheet
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com