Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP34CPNP Datasheet(PDF) 2 Page - Continental Device India Limited

Part # TIP34CPNP
Description  HIGH POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

TIP34CPNP Datasheet(HTML) 2 Page - Continental Device India Limited

  TIP34CPNP Datasheet HTML 1Page - Continental Device India Limited TIP34CPNP Datasheet HTML 2Page - Continental Device India Limited TIP34CPNP Datasheet HTML 3Page - Continental Device India Limited TIP34CPNP Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HIGH POWER TRANSISTORS
TIP33, A, B, C NPN
TIP34, A, B, C PNP
TO- 3PN Non Isolated
Plastic Package
ELECTRICAL CHARACTERISTICS (Tc=25ºC unless specified otherwise)
DYNAMIC CHARACTERIS
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Small Signal Current Gain
hfe
IC=0.5A, VCE=10V,
f=1kHz
20
Current Gain Bandwidth Product
***fT
IC=0.5A, VCE=10V,
f=1MHz
3.0
MHz
***fT=IhfeI ftest
TIP33_34Rev110706E
Continental Device India Limited
Data Sheet
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com