Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6225PDTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6225PDTR
Description  DMOS DUAL FULL BRIDGE DRIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6225PDTR Datasheet(HTML) 1 Page - STMicroelectronics

  L6225PDTR Datasheet HTML 1Page - STMicroelectronics L6225PDTR Datasheet HTML 2Page - STMicroelectronics L6225PDTR Datasheet HTML 3Page - STMicroelectronics L6225PDTR Datasheet HTML 4Page - STMicroelectronics L6225PDTR Datasheet HTML 5Page - STMicroelectronics L6225PDTR Datasheet HTML 6Page - STMicroelectronics L6225PDTR Datasheet HTML 7Page - STMicroelectronics L6225PDTR Datasheet HTML 8Page - STMicroelectronics L6225PDTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1/20
L6225
September 2003
s
OPERATING SUPPLY VOLTAGE FROM 8 TO 52V
s
2.8A OUTPUT PEAK CURRENT (1.4A DC)
s
RDS(ON) 0.73Ω TYP. VALUE @ Tj = 25 °C
s
OPERATING FREQUENCY UP TO 100KHz
s
NON DISSIPATIVE OVERCURRENT
PROTECTION
s
PARALLELED OPERATION
s
CROSS CONDUCTION PROTECTION
s
THERMAL SHUTDOWN
s
UNDER VOLTAGE LOCKOUT
s
INTEGRATED FAST FREE WHEELING DIODES
TYPICAL APPLICATIONS
s
BIPOLAR STEPPER MOTOR
s
DUAL OR QUAD DC MOTOR
DESCRIPTION
The L6225 is a DMOS Dual Full Bridge designed for
motor control applications, realized in MultiPower-
BCD technology, which combines isolated DMOS
Power Transistors with CMOS and bipolar circuits on
the same chip. Available in PowerDIP20 (16+2+2),
PowerSO20 and SO20(16+2+2) packages, the
L6225 features a non-dissipative protection of the
high side PowerMOSFETs and thermal shutdown.
BLOCK DIAGRAM
D99IN1091A
GATE
LOGIC
OVER
CURRENT
DETECTION
OVER
CURRENT
DETECTION
GATE
LOGIC
VCP
VBOOT
ENA
IN1A
IN2A
ENB
IN1B
IN2B
VBOOT
5V
10V
VSA
V
SB
OUT1A
OUT2A
OUT1B
OUT2B
SENSEA
CHARGE
PUMP
VOLTAGE
REGULATOR
THERMAL
PROTECTION
VBOOT
VBOOT
10V
10V
BRIDGE A
BRIDGE B
SENSEB
OCDA
OCDB
ORDERING NUMBERS:
L6225N (PowerDIP20)
L6225PD (PowerSO20)
L6225D (SO20)
PowerDIP20
(16+2+2)
PowerSO20
SO20
(16+2+2)
DMOS DUAL FULL BRIDGE DRIVER


Similar Part No. - L6225PDTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6225PD STMICROELECTRONICS-L6225PD Datasheet
90Kb / 10P
DUAL DMOS FULL BRIDGE MOTOR DRIVER
Mar-2001
L6225PD STMICROELECTRONICS-L6225PD Datasheet
379Kb / 20P
DMOS DUAL FULL BRIDGE DRIVER
Sep-2003
L6225PD STMICROELECTRONICS-L6225PD Datasheet
389Kb / 20P
DMOS DUAL FULL BRIDGE DRIVER
Sep-2003
More results

Similar Description - L6225PDTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6206 STMICROELECTRONICS-L6206 Datasheet
413Kb / 23P
DMOS DUAL FULL BRIDGE DRIVER
Sep-2003
L6226 STMICROELECTRONICS-L6226 Datasheet
404Kb / 22P
DMOS DUAL FULL BRIDGE DRIVER
Sep-2003
logo
Allegro MicroSystems
3971 ALLEGRO-3971 Datasheet
141Kb / 8P
DUAL DMOS FULL-BRIDGE DRIVER
May 2, 2000
logo
STMicroelectronics
L6204 STMICROELECTRONICS-L6204_03 Datasheet
667Kb / 12P
DMOS DUAL FULL BRIDGE DRIVER
Jul-2003
L6226Q STMICROELECTRONICS-L6226Q Datasheet
478Kb / 28P
DMOS dual full bridge driver
10-Jun-2008
L6205PD013TR STMICROELECTRONICS-L6205PD013TR Datasheet
400Kb / 21P
DMOS DUAL FULL BRIDGE DRIVER
Sep-2003
L6206PD013TR STMICROELECTRONICS-L6206PD013TR Datasheet
426Kb / 23P
DMOS DUAL FULL BRIDGE DRIVER
Sep-2003
E-L6205PD STMICROELECTRONICS-E-L6205PD Datasheet
400Kb / 21P
DMOS DUAL FULL BRIDGE DRIVER
Sep-2003
L6225DTR STMICROELECTRONICS-L6225DTR Datasheet
389Kb / 20P
DMOS DUAL FULL BRIDGE DRIVER
Sep-2003
L6226PDTR STMICROELECTRONICS-L6226PDTR Datasheet
533Kb / 31P
DMOS dual full bridge driver
21-Oct-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com