Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2S-1212-R Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # R2S-1212-R
Description  Fully RoHS 6/6 Conform
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

R2S-1212-R Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  R2S-1212-R Datasheet HTML 1Page - List of Unclassifed Manufacturers R2S-1212-R Datasheet HTML 2Page - List of Unclassifed Manufacturers R2S-1212-R Datasheet HTML 3Page - List of Unclassifed Manufacturers R2S-1212-R Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
E-86
R2S & R2D
Series
ECONOLINE
DC/DC-Converter
Specifications - Continued
Typical Characteristics
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
2405
1205
0505
3.305
Deviation / Load
-10.000
40%
0%
100%
60%
80%
20%
-5.000
Total Output current (%)
0505
0.000
5.000
10.000
15.000
20.000
25.000
1205
2405
3.305
R2S-xx05
Isolation Voltage
(tested for 1 second)
1000VDC
(rated for 1 minute***)
500VAC / 60Hz
Isolation Voltage
(tested for 1 second)
3000VDC
(rated for 1 minute***)
1500VAC / 60Hz
Isolation Capacitance
115pF max.
Isolation Resistance
(Viso 500V)
10 G
Ω min.
Short Circuit Protection
1 Second
P-Suffix
Continuous
Operating Temperature Range (free air convection)
-40°C to +100°C (see Graph)
Storage Temperature Range
-55°C to +125°C
Reflow Temperature
ROHS compliant
245°C (30 sec), peak 255°C (5 sec) max.
Vapour Phase Process
(for more details see Application Notes)
230°C (90 sec) max.
Relative Humidity
95% RH
Package Weight
R2S, R2S8
1.4g
R2D, R2D10
1.5g
R2S12, R2D12
1.6g
Packing Quantity
R2S, R2S8
39 pcs per Tube
R2S12, R2D, R2D10, R2D12
33 pcs per tube
All Types
250 pcs per Reel
MTBF (+25°C)
using MIL-HDBK 217F
886 x 103 hours
(+85°C)
using MIL-HDBK 217F
128 x 103 hours
Certifications
CB Test Report
Report: US/14402/UL
UL General Safety
Report: E308085
UL 60950-1 2nd Ed.
CUL General Safety
C22.2 No. 60950-1-03
EN Medical Safety
Report: MDD1205098-2 + RM1205098-2
IEC/EN 60601-1 3rd Ed.
Medical Report + ISO14971 Risk Assessment
EN General Safety
Report: SPCLVD 1211033-3
EN60950-1: 2006 + A12:2011
Conducted / Radiated Emissions
EN55022
Level A
} Detailed Information see
Application Notes chapter "MTBF"
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
2405
1205
0505
3.305
Deviation / Load
-10.000
40%
0%
100%
60%
80%
20%
-5.000
Total Output current (%)
0505
0.000
5.000
10.000
15.000
20.000
25.000
1205
2405
3.305
R2D-xx05
Notes
Note 1
Maximum capacitive load is defined as the capacitive load that will allow start up in under 1 second without damage to the converter.
REV: 1/2014
www.recom-power.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com