Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC2012 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RC2012
Description  Low tolerance
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RC2012 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RC2012 Datasheet HTML 1Page - List of Unclassifed Manufacturers RC2012 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Precision
0.30±0.03
0.50±0.05
0.80±0.15
1.25±0.15
1.60±0.15
2.55±0.20
2.50±0.20
3.20±0.20
0.23±0.03
0.35±0.05
0.45±0.10
0.50±0.10
0.55±0.10
0.55±0.10
0.55±0.10
0.55±0.10
0.10±0.05
0.20±0.10
0.30±0.20
0.40±0.20
0.45±0.20
0.45±0.20
0.60±0.20
0.60±0.20
0.15±0.05
0.25±0.10
0.35±0.10
0.35±0.20
0.40±0.20
0.40±0.20
0.60±0.20
0.60±0.20
RC0603
RC1005
RC1608
RC2012
RC3216
RC3225
RC5025
RC6432
Type
0201
0402
0603
0805
1206
1210
2010
2512
Inch
1/20
1/16
1/10
1 / 8
1 / 4
1 / 3
2/ 3
1
Power(W)
0.60±0.03
1.00±0.05
1.60±0.10
2.00±0.20
3.20±0.20
3.20±0.20
5.00±0.20
6.30±0.20
LW
H
I1
I2
Average
Weight
0.15
㎎
0.6
㎎
2.1
㎎
4.9
㎎
9.5
㎎
16
㎎
26
㎎
41
㎎
•The part number system shall be in the following format
(UNIT: mm)
2370
RC: Chip Resistor
Code Designation
R C
1005
F
Dimension & Size Code
Tolerance
0603: 0.6
×0.3(㎜) - 0201(inch)
1005: 1.0
×0.5(㎜) - 0402(inch)
1608: 1.6
×0.8(㎜) - 0603(inch)
2012: 2.0
×1.2(㎜) - 0805(inch)
3216: 3.2
×1.6(㎜) - 1206(inch)
3225: 3.2
×2.5(㎜) - 1210(inch)
5025: 5.0
×2.5(㎜) - 2010(inch)
6432: 6.4
×3.2(㎜) - 2512(inch)
F: ±1%
3 or 4 digits coding system
(IEC coding system)
3digits (E-24 series)
4digits (E-96 series)
CS
Resistance Value
Packaging Code
GS: Bulk Packaging
CS: Tape Packaging 7"
ES: Tape Packaging 10"
FS: Tape Packaging 13"
AS: Tape Packaging 13"
•Low tolerance (±1%)
•Both flow and reflow soldering are applicable.
•Suitable size and packaging for surface mount assembly.
•Owing to the reduced lead inductance, the high frequency
characteristic is excellent.
The product of lead-free terminal is RoHS compliant.
PhO(lead oxide) is included in the glass of our product which is prescribed
on RoHS appendix as an exception.
•Circuit for high precision resistance and reliability.
•For signal control part
•For tunning circuit.
Feature
Application
•Structure
•Dimensions
I1
W
Glass or Polymer Coating
(Protective Coating)
RuO2 type Resistor
Alumina Substrate(96%)
Special Plating
(Ni, Solder)
Thick film Elecrtode
(Inner Electrode)
H
L
I2
Structure and Dimensions
Parts Numbering System


Similar Part No. - RC2012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC2012 ETC1-RC2012 Datasheet
167Kb / 12P
THICK FILM CHIP RESISTORS
logo
Samsung semiconductor
RC2012 SAMSUNG-RC2012 Datasheet
5Mb / 40P
THICK-FILM CHIP RESISTOR
RC2012 SAMSUNG-RC2012 Datasheet
787Kb / 2P
Circuit for high precision resistance and reliability.
RC2012 SAMSUNG-RC2012 Datasheet
791Kb / 2P
Suitable size and packaging for surface mount assembly
RC2012 SAMSUNG-RC2012 Datasheet
791Kb / 2P
Owing to the reduced lead inductance, the high frequency characteristic is excellent.
More results

Similar Description - RC2012

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CLL4614 CENTRAL-CLL4614 Datasheet
106Kb / 2P
500mW LOW NOISE ZENER DIODE 5% TOLERANCE
CMHZ4614 CENTRAL-CMHZ4614 Datasheet
55Kb / 2P
500mW LOW NOISE ZENER DIODE 5% TOLERANCE
CMPZ4678 CENTRAL-CMPZ4678 Datasheet
92Kb / 2P
350mW LOW LEVEL ZENER DIODE 5% TOLERANCE
logo
Vishay Siliconix
IHLP-5050CE-06 VISHAY-IHLP-5050CE-06 Datasheet
136Kb / 4P
10 % DCR Tolerance, Low Profile, Power Inductor
21-Mar-06
IHLP-5050CE-07 VISHAY-IHLP-5050CE-07 Datasheet
136Kb / 4P
5 % DCR Tolerance, Low Profile, Power Inductor
21-Mar-06
IHLM2525CZERR10M06 VISHAY-IHLM2525CZERR10M06 Datasheet
117Kb / 4P
10 % DCR Tolerance, Low Profile, Power Inductors
12-May-09
logo
List of Unclassifed Man...
RC1608F105CS ETC2-RC1608F105CS Datasheet
791Kb / 2P
Low tolerance
logo
Ohmite Mfg. Co.
RES-RW1-RW2 OHMITE-RES-RW1-RW2 Datasheet
344Kb / 2P
Extremely low resistance and high precision tolerance
logo
TDK Electronics
INMP522 TDK-INMP522 Datasheet
473Kb / 21P
Ultra-Low Noise, Low Sensitivity Tolerance, PDM Digital Microphone
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com