Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P25B6EB Datasheet(PDF) 2 Page - Shindengen Electric Mfg.Co.Ltd

Part # P25B6EB
Description  Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

P25B6EB Datasheet(HTML) 2 Page - Shindengen Electric Mfg.Co.Ltd

  P25B6EB Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd P25B6EB Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd P25B6EB Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd P25B6EB Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.
s
hi
ndengen.
co.
j
p/
pr
oduct
/
s
emi
/
(MOSFET〈2012.06〉)
■特性図 CHARACTERI
STI
C DI
AGRAMS
0
100
60
80
40
20
全損失減少率 − ケース温度
Power Derating - Case Temperature
0
25
50
75
125
150
100
Case Temperature Tc〔℃〕
0
20
50
40
30
10
0
0.5
12
3
1.5
2.5
Pulse measurement
Drain・Source Voltage VDS〔V〕
出力特性
Typical Output Characteristics
VGS=10V
8V
6V
VVGS
GS
==4
4VV
VGS=4V
Tc=150℃
Tc=100℃
Tc=25℃
Tc=−55℃
伝達特性
Transfer Characteristics
02
4
10
6
8
Pulse measurement
Gate・Source Voltage VGS〔V〕
VDS=10V
TYP
0
20
50
40
30
10
ドレイン・ソース間オン抵抗 −ドレイン電流
Static Drain-Source On-state Resistance vs Drain Current
100
10
1
50
10
VGS=10V
Tc=25℃
TYP
Pulse measurement
Drain Current ID〔A〕
ドレイン・ソース間オン抵抗 − ケース温度
Static Drain-Source On-state Resistance vs Case Temperature
100
5
10
−55
0
100
150
50
VGS=10V
TYP
Pulse measurement
Case Temperature Tc〔℃〕
IIDD==12.5
12.5A
A
ID=12.5A
−55
0
100
150
50
ゲートしきい値電圧 − ケース温度
Gate Threshold Voltage vs Case
Temperature
3
2.5
4
3.5
0
2
1.5
1
0.5
VDS=10V
ID=1mA
TYP
Pulse measurement
Case Temperature Tc〔℃〕
安全動作領域
Safe Operating Area
10
200
100
70
25
50
0.
01
0.
1
1
1
0.
1
60
10
Tc=25℃
Single pulse
DC
DC
DC
10ms
10ms
10ms
1ms
1ms
1ms
100μs
100μs
100μs
10μs
10μs
10μs
Drain・Source Voltage VDS〔V〕
過渡熱抵抗
Transient Thermal Impedance
10
0.01
1
0.1
10−4
10−5
10−3
10−2
10−1
100
101
Time t〔s〕
VVGGSS
VGS
VVDS
DS
VDS
ゲートチャージ特性
0
50
40
30
20
10
Gate Charge Characteristics
05
10
20
25
15
ID=25A
TYP
Total Gate Charge Qg〔nC〕
VDD=48V
24V
単発アバランシェエネルギー減少率 − チャネル温度
Single Avalanche Energy Derating vs Channel Temperature
100
0
80
60
40
20
0
50
100
150
Starting Channel Temperature Tch〔℃〕
Ciss
Ciss
Ciss
Coss
Coss
Coss
Crss
Crss
Crss
キャパシタンス特性
Capacitance Characteristics
10000
1000
100
10
Tc=25℃
f=1MHz
TYP
0
20
60
40
50
30
10
Drain・Source Voltage VDS〔V〕
TC=25℃
TYP
0
16
20
12
8
4
Power Dissipation
Power Dissipation
Limited
Limited
Power Dissipation
Limited
RRDS(
DS(on
on)Limited
Limited
(
(at VGS
VGS=10V
=10V)
)
RDS(on)Limited
(at VGS=10V)
P25B6EB
*Si
newaveは50Hzで測定しています。
* 50Hzsi
newavei
susedf
ormeasur
ement
s.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com