Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2S3 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # S2S3
Description  RoHS Compliant
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S2S3 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  S2S3 Datasheet HTML 1Page - List of Unclassifed Manufacturers S2S3 Datasheet HTML 2Page - List of Unclassifed Manufacturers S2S3 Datasheet HTML 3Page - List of Unclassifed Manufacturers S2S3 Datasheet HTML 4Page - List of Unclassifed Manufacturers S2S3 Datasheet HTML 5Page - List of Unclassifed Manufacturers S2S3 Datasheet HTML 6Page - List of Unclassifed Manufacturers S2S3 Datasheet HTML 7Page - List of Unclassifed Manufacturers S2S3 Datasheet HTML 8Page - List of Unclassifed Manufacturers S2S3 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Sensitive SCRs
Data Sheets
http://www.littelfuse.com
E5 - 2
©2004 Littelfuse, Inc.
+1 972-580-7777
Thyristor Product Catalog
See “General Notes” on page E5 - 4 and “Electrical Specifications Notes” on page E5 - 5
TYPE
Part Number
IT
VDRM &
VRRM
IGT
IDRM &
IRRM
VTM
Non-isolated
TO-92
TO-202
TO-251
V-Pak
Compak
TO-252
D-Pak
(1)
Amps
Volts
(2) (12)
(14) (18)
µAmps
(20) (21)
µAmps
(3) (10)
Volts
See “Package Dimensions” section for variations. (11)
IT(RMS)
IT(AV)
TC or TL =
25 °C
TC or TL =
100 °C
TC or TL =
110 °C
MAX
MIN
MAX
MAX
MAX
0.8 A
S2S1
0.8
0.51
200
12
2
100
1.7
S4S1
0.8
0.51
400
12
2
100
1.7
S6S1
0.8
0.51
600
12
2
100
1.7
S2S2
0.8
0.51
200
50
2
100
1.7
S4S2
0.8
0.51
400
50
2
100
1.7
S6S2
0.8
0.51
600
50
2
100
1.7
S2S
0.8
0.51
200
200
2
100
1.7
S4S
0.8
0.51
400
200
2
100
1.7
S6S
0.8
0.51
600
200
2
100
1.7
S2S3
0.8
0.51
200
500
2
100
1.7
S4S3
0.8
0.51
400
500
2
100
1.7
S6S3
0.8
0.51
600
500
2
100
1.7
EC103B
0.8
0.51
200
200
1
50
1.7
EC103D
0.8
0.51
400
200
1
50
1.7
EC103M
0.8
0.51
600
200
2
100
1.7
EC103B1
0.8
0.51
200
12
1
50
1.7
EC103D1
0.8
0.51
400
12
1
50
1.7
EC103M1
0.8
0.51
600
12
2
100
1.7
EC103B2
0.8
0.51
200
50
1
50
1.7
EC103D2
0.8
0.51
400
50
1
50
1.7
EC103M2
0.8
0.51
600
50
2
100
1.7
EC103B3
0.8
0.51
200
500
1
50
1.7
EC103D3
0.8
0.51
400
500
1
50
1.7
EC103M3
0.8
0.51
600
500
2
100
1.7
2N5064
0.8
0.51
200
200
1
50
1.7
2N6565
0.8
0.51
400
200
1
100
1.7
1.5 A
TCR22-4
1.5
0.95
200
200
1
100
1.5
TCR22-6
1.5
0.95
400
200
1
100
1.5
TCR22-8
1.5
0.95
600
200
2
100
1.5
4A
T106B1
4
2.5
200
200
2
100
2.2
T106D1
4
2.5
400
200
2
100
2.2
T106M1
4
2.5
600
200
2
100
2.2
T107B1
4
2.5
200
500
2
100
2.5
T107D1
4
2.5
400
500
2
100
2.5
T107M1
4
2.5
600
500
2
100
2.5
S2004VS1
S2004DS1
4
2.5
200
50
2
100
1.6
S4004VS1
S4004DS1
4
2.5
400
50
2
100
1.6
S6004VS1
S6004DS1
4
2.5
600
50
2
100
1.6
S2004VS2
S2004DS2
4
2.5
200
200
2
100
1.6
S4004VS2
S4004DS2
4
2.5
400
200
2
100
1.6
S6004VS2
S6004DS2
4
2.5
600
200
2
100
1.6
K
G
A
K
A
G
A
A
A
G
K
A
G
K
A
A
K
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com