Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2004DS1 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # S2004DS1
Description  RoHS Compliant
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S2004DS1 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button S2004DS1 Datasheet HTML 4Page - List of Unclassifed Manufacturers S2004DS1 Datasheet HTML 5Page - List of Unclassifed Manufacturers S2004DS1 Datasheet HTML 6Page - List of Unclassifed Manufacturers S2004DS1 Datasheet HTML 7Page - List of Unclassifed Manufacturers S2004DS1 Datasheet HTML 8Page - List of Unclassifed Manufacturers S2004DS1 Datasheet HTML 9Page - List of Unclassifed Manufacturers S2004DS1 Datasheet HTML 10Page - List of Unclassifed Manufacturers S2004DS1 Datasheet HTML 11Page - List of Unclassifed Manufacturers S2004DS1 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Data Sheets
Sensitive SCRs
©2004 Littelfuse, Inc.
E5 - 9
http://www.littelfuse.com
Thyristor Product Catalog
+1 972-580-7777
Figure E5.14 Peak Surge On-state Current versus Surge Current Duration
Figure E5.15 Typical Turn-on Time versus Gate Trigger Current
Figure E5.16 Power Dissipation (Typical) versus RMS On-state Current
1
2
3
4
5 6
8 10
20
30 40 50 60 80 100
200
300 400
600
1000
1
2
3
4
5
6
8
10
20
30
40
50
60
80
100
200
SUPPLY FREQUENCY: 60 Hz Sinusoidal
LOAD: Resistive
RMS ON-STATE CURRENT: [IT(RMS)]: Max
Rated Value at Specified Case Temperature
Surge Current Duration – Full Cycles
Notes:
1) Gate control may be lost during
and immediately following surge
current interval.
2) Overload may not be repeated
until junction temperature has
returned to steady-state rated value.
6 A Devices
8 A Devices
10 A Devices
4 A TO-251 and TO-252
1.5 A Devices
TO-106
and TO-107
0.8 A TO-92
and Compak
0.01
0.1
1
10
100
0.1
1.0
10
100
IGT = 50
µA MAX
IGT = 200
µA MAX
IGT = 500
µA MAX
TC = 25 ˚C
IGT = 12
µA MAX
DC Gate Trigger Current (IGT) – mA
01234
1.0
2.0
3.0
4.0
5.0
T106 and T107
0.8 A TO-92 and Compak
1.5 A Devices
RMS On-state Current [IT(RMS)] – Amps
CURRENT WAVEFORM: Half Sine Wave
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 180˚
4 A TO-251 and TO-252



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com