Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2004DS2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # S2004DS2
Description  RoHS Compliant
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S2004DS2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  S2004DS2 Datasheet HTML 1Page - List of Unclassifed Manufacturers S2004DS2 Datasheet HTML 2Page - List of Unclassifed Manufacturers S2004DS2 Datasheet HTML 3Page - List of Unclassifed Manufacturers S2004DS2 Datasheet HTML 4Page - List of Unclassifed Manufacturers S2004DS2 Datasheet HTML 5Page - List of Unclassifed Manufacturers S2004DS2 Datasheet HTML 6Page - List of Unclassifed Manufacturers S2004DS2 Datasheet HTML 7Page - List of Unclassifed Manufacturers S2004DS2 Datasheet HTML 8Page - List of Unclassifed Manufacturers S2004DS2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
©2004 Littelfuse, Inc.
E5 - 1
http://www.littelfuse.com
Thyristor Product Catalog
+1 972-580-7777
*
Selected
Packag
es
U.L.
RECOGN
IZED
File
#E71639
Sensitive
SCRs
(0.8 A to 10 A)
E5
General Description
The Teccor line of sensitive SCR semiconductors are half-wave
unidirectional, gate-controlled rectifiers (SCR-thyristor) which
complement Teccor's line of power SCRs. This group of
packages offers ratings of 0.8 A to 10 A, and 200 V to 600 V with
gate sensitivities of 12 µA to 500 µA. For gate currents in the
10 mA to 50 mA ranges, see “SCRs” section of this catalog.
The TO-220 and TO-92 are electrically isolated where the case
or tab is internally isolated to allow the use of low-cost assembly
and convenient packaging techniques.
Teccor's line of SCRs features glass-passivated junctions to
ensure long-term device reliability and parameter stability.
Teccor's glass offers a rugged, reliable barrier against junction
contamination.
Tape-and-reel packaging is available for the TO-92 package.
Consult the factory for more information.
Variations of devices covered in this data sheet are available for
custom design applications. Consult the factory for more
information.
R
oHS
Features
•RoHS Compliant
•
Electrically-isolated TO-220 package
•
High voltage capability — up to 600 V
•
High surge capability — up to 100 A
•
Glass-passivated chip
Compak Features
•
Surface mount package — 0.8 A series
•
New small-profile three-leaded Compak package
•
Four gate sensitivities available
•
Packaged in embossed carrier tape with 2,500
devices per reel
•
Can replace SOT-223
E5
TO-202
TO-92
3-lead
Compak
*TO-220
Isolated
TO-252
D-Pak
TO-251
V-Pak
AK
G


Similar Part No. - S2004DS2

ManufacturerPart #DatasheetDescription
logo
Littelfuse
S2004DS2 LITTELFUSE-S2004DS2 Datasheet
199Kb / 12P
Sensitive SCRs (0.8 A to 10 A)
logo
List of Unclassifed Man...
S2004DS2 ETC2-S2004DS2 Datasheet
205Kb / 12P
RoHS Compliant
S2004DS2RP ETC2-S2004DS2RP Datasheet
205Kb / 12P
RoHS Compliant
More results

Similar Description - S2004DS2

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
RoHs Compliant
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
RoHS compliant
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
RoHS compliant
Sep .2.2013
logo
Pulse A Technitrol Comp...
HX1198FNLT PULSE-HX1198FNLT Datasheet
454Kb / 4P
ROHS COMPLIANT
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
ROHS COMPLIANT
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
ROHS COMPLIANT
E2457FNL PULSE-E2457FNL Datasheet
437Kb / 3P
ROHS COMPLIANT
EX2024FNL PULSE-EX2024FNL Datasheet
361Kb / 3P
ROHS COMPLIANT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com